Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 5 Page - Advanced Micro Devices

  SDA3100AIP3AX Datasheet HTML 1Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 2Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 3Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 4Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 5Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 6Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 7Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 8Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
30430 Rev. 3.43
October 2004
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
Revision History
5
Revision History
Date
Revision
Description
October 2004
3.43
Added OPN for model 4000+ desktop.
October 2004
3.41
Added FX-55 OPN. Added desktop OPNs for models 3000+, 3200+, and
3500+. Documented TCONTROL max parameter for all OPNs. Removed
chapters 3, 4, and 6.
August 2004
3.37
Added AMD Sempron™ Processor and Mobile AMD Sempron™
Processor chapters. Removed model 3100+ 62W OPN. Added DTR
Model 3700+ OPN.
July 2004
3.29
Added model 3400+ 62W mobile OPN.
June 2004
3.25
Added rev CG 89W model 3500+, 3700+, and 3800+ OPNs. Added FX-
53 939 pin package OPN. Added one decimal precision to some IDD
numbers. Updated document references.
May 2004
3.21
Added rev CG 35W models 2700+ and 2800+.
April 2004
3.19
Removed rev CG 35W OPN.
April 2004
3.17
Corrected model number formatting for DTR OPNs.
March 2004
3.15
Added rev CG 35W model 2700+ OPN.
March 2004
3.13
Added rev CG model 2800+, 3000+, and 3200+ 89W OPNs. Added FX-
53 940 pin package OPN. Corrected note for C3 state on all
Power/Thermal Specification tables. Added package drawing references
for lidless parts in OPN decode section.
January 2004
3.11
Added rev CG entries for existing rev C0 parts. Corrected Max FID code
for model 3200+ 62W mobile OPN. Updated FX-51 Halt/Stop Grant
power number. Revised IDD Max and TDP for Intermediate P-state #2
for 754 pin lidless package Rev C0 DTR Model 3200+.
January 2004
3.07
Added model 3400+ DT and DTR parts. Added model 2800+, 3000+,
and 3200+ 62W Mobile parts.
December 2003
3.06
Added model 3000+ desktop part.
November 2003
3.05
General clean up. Updated S3 I/O power for non-FX parts. Fixed mobile
OPN example. Added thermal resistance specifications for all OPNs.
September 2003
3.02
Changed min P-state information to N/A in Table 8, and removed
unreleased entries from Table 4 and Table 14.
September 2003
3.00
Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com