Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 15Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 16Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 17Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 18Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 19Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 20Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 21Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 22Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
30430 Rev. 3.43
October 2004
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
Chapter 2
AMD Athlon™ 64 FX Desktop Processor
19
Parameter/OPN
ADAFX55DEI5AS
Model Number
FX55
CPUID 8000_0001h EAX [31:0]
7
00000F7Ah
FID/VID Status MaxVID Field
8
00h
FID/VID Status MaxFID Field
8
2Ah
FID/VID Status StartVID Field
8
02h
FID/VID Status StartFID Field
8
12h
L2 Cache Size
1 MB
TCASE Max
10
63°C
TCONTROL Max
11
63°C
Max Frequency
2600 MHz
VID_VDD
1.50 V
IDD Max
67.4 A
Thermal Design Power
1
104 W
Thermal Resistance (case-to-ambient)
12
0.22
°C/W
Min P-State
1200 MHz
VID_VDD
1.10 V
IDD Max
20.1 A
Thermal Design Power
1
25 W
Halt/Stop Grant at Max P-State
2
IDDC1 Max
32.1 A
I/O Power
5
2.9 W
Halt/Stop Grant at Min P-State
3
IDDC1 Max
N/A
I/O Power
5
N/A
S3
4
I/O Power
4,6
400 mW
Notes:
1.
Thermal Design Power (TDP) is measured under the conditions of TCASE Max, IDD Max, and VDD=VID_VDD,
and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
2.
Assumes tCASE max, VDD, clock divider set to 32.
3.
Assumes 50
°C, VDD nom, clock divider set to 32.
4.
Assumes 35
°C, VDD, VDDA, and VLDT supplies are off, VDDIO and VTT are powered, memory in self-refresh
mode and DDR SDRAM interface tristated except CKE pins.
5.
Thermal Design Power for VDDIO, VTT, VLDT, and VDDA power planes only.
6.
Thermal Design Power for VDDIO and VTT power planes only.
7.
CPUID extended function 8000_0001h fields are used by the BIOS in uniquely associating a given processor to
the P-states that are valid for that processor. Refer to the BIOS and Kernel Developer’s Guide for
AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094.
8.
FIDVID Status Register, MSR C001_0042h.
9.
Ambient temperature into heat sink (internal ambient) assumed to be 42
°C.
10. TCASE max is the maximum case temperature specification which is a physical value in degrees Celsius. This
value is programmed into Rev D and later processors. Refer to the appropriate functional data sheet, and the
THERMTRIP Status Register in the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 and
AMD Opteron™ Processors, order# 26094.
11. TCONTROL max (maximum control temperature) is a non physical temperature on an arbitrary scale that can be
used for system thermal management policies. TCONTROL max represents the value at which the processor has
reached TCASE max when measuring the thermal diode with a dual sourcing current temperature sensor. Refer to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com