Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 9Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 10Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 11Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 12Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 13Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 14Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 15Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 16Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
INTELLON CONFIDENTIAL
13
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
MII_RXCLK
MII_RXD[3:0], MII_RXDV,
MII_RX_ER, MII_COL, MII_CRS
t
MII_RVAL
DATA
Figure 6: MII Receive Timing Diagram
t
MII_TH
t
MII_TSU
MII_TXCLK
MII_TXD[3:1], MII_TX0,
MII_TXEN, MII_TX_ER
DATA
Figure 7: MII Transmit Timing Diagram
MII DC Characteristics
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
tMII_RVAL
MII_RX[3:0], MII_RXDV valid
from
↑ MII_RXCLK
measured from Vilmax = 0.8V or
measured from Vihmin = 2.0V
0
25
ns
tMII_TSU
MII_TXEN, MII_TX0, MII_TX[3:1]
setup to
↑ MII_TXCLK
measured from Vilmax = 0.8V or
measured from Vihmin = 2.0V
8
ns
tMII_TH
MII_TXEN, MII_TX0, MII_TX[3:1]
hold to
↑ MII_TXCLK
measured from Vilmax = 0.8V or
measured from Vihmin = 2.0V
0
ns
Receive Timing
Transmit Timing
Table 3: MII DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com