Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 4Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 5Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 6Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 7Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 8Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 9Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 10Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 11Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
INTELLON CONFIDENTIAL
8
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
AGCENC_N
Input
AGC Encode
An inactive signal (logic 1) applied to this input
selects unitary AGC format. An active signal (logic
0) applied to this input selects encoded AGC format
Test Access Port
TCK
Input
Test Clock
Test Clock for the IEEE 1149.1 JTAG Port
TDI
Input
Test Data In
Data In for the IEEE 1149.1 JTAG Port
TMS
Input
Test Mode Select
Test Mode Select for the IEEE 1149.1 JTAG Port
TDO
Output
Test Data Out
Data Out for the IEEE 1149.1 JTAG Port
TRST_N
Input
Test Reset
This pin will be used to reset the TAP controller. It
should be connected to ground when the JTAG port
is not in use.
System Control
RESET_N
Input
Reset
Resets logic circuitry, but not clock circuitry. Reset
is active low and should be held low for a minimum
of 100 ns.
CLKIN
Clock Pad
Clock Input
100 MHz clock input. Driven by an external
oscillator or an external crystal (feedback path for
crystal implementation provided by CLKOUT) Note:
CLKIN connects directly to the 2.5 V core of the IC
and does not connect to the 3.3 V I/O ring.
Therefore, this pin is not 3.3 or 5 V tolerant.
CLKOUT
Clock Pad
Clock Output
100 MHz clock feedback path when a crystal is
implemented. This pin should be left as NO
CONNECT if an external oscillator is implemented on
CLKIN. Note: CLKOUT connects directly to the 2.5
V core of the IC and does not connect to the 3.3 V
I/O ring. Therefore, this pin is not 3.3 or 5 V
tolerant.
MDI_ADRSEL[1:0]
Input
MDI PHY Address Selection
Address select used to compare against the upper
two bits of the MDI Address. These pins share
function with SPIS_CS_N and SPIS_SDI and should
be pulled-up or down with external resistors to set
the appropriate value which is read by the INT5130
during power up.
MDI_SPIS_N
Input
Management Data Interface/Serial Peripheral
Interface Slave Select.
Selects which PHY management signals are active.
MII_GPSI_N
Input
Media Independent Interface/General Purpose
Serial Interface Select.
Selects which PHY data interface signals are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com