Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  INT5130CS Datasheet HTML 1Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 2Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 3Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 4Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 5Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 6Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 7Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 8Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
INTELLON CONFIDENTIAL
5
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
Pin Descriptions by Group
Signal Name
I/O Pad Description
Signal Description
Media Independent Interface (MII)
These pins are multiplexed with the GPSI pins and are selected when MII_GSPI_N signal is at VDD.
MII_RX[3:0]
Output
MII Receive Data.
Data is transferred from the INT5130 to the external
MAC across these four lines one nibble at a time.
MII_RXCLK
Output
MII Receive Clock
The receive clock outputs a continuous 25MHz clock
to the external MAC.
MII_RXDV
Output
MII Receive Data Valid
This signal indicates that the incoming data on the
MII_RX[3:0] pins are valid.
MII_RX_ER
Output
MII Receive Error
This signal indicates to the external MAC that an
error has occurred during the frame reception.
MII_TX[3:0]
Input
MII Transmit Data
Data is transferred to the INT5130 from the external
MAC across these four lines one nibble at a time.
MII_TXCLK
Output
MII Transmit Clock
The transmit clock outputs a continuous 25MHz
clock to the external MAC.
MII_TXEN
Input
MII Transmit Enable
This signal indicates to the INT5130 that valid data
is present on the MII_TX[3:0] pins.
MII_TX_ER
Input
MII Transmit Error
MII_TX_ER is activated by the external host
controller when an error condition is detected during
packet transmission. The INT5130 will ignore any
MII transmission within which MII_TX_ER is
asserted. MII_TX_ER is ignored if MII_TXEN is not
asserted.
MII_CRS
Output
MII Carrier Sense
This signal indicates to the external host that traffic
is present on the powerline and the host should wait
until the signal goes invalid before sending additional
data. This signal is an asynchronous output signal.
MII_COL
Output
MII Collision Detect
This signal indicates to the external host that a
collision has occurred on the MII interface. This
signal is an asynchronous output signal.
MII Management Data Interface (MDI)
These pins are multiplexed with the SPIS_SDO and SPIS_SCLK signals and are selected when MDI_SPIS_N is at VDD.
MII_MDIO
Input/Output
MII Management Data Input/Output
This bi-directional signal carries the data for the
Management Data Interface.
MII_MDCLK
Input
MII Management Data Clock
Clock reference for the MII_MDIO signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com