Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 24Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 25Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 26Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 27Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 28Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 29Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 30Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 31Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
INTELLON CONFIDENTIAL
28
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
DAC DC Characteristics
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
Number of Bits
10
Bits
Data Format
Straight Binary
Sample Rate
50
MSPS
DAC DATA OUTPUTS
VOH
HIGH level output voltage
1, 2
2.4
V
VOL
LOW level output voltage
1, 3
0.4
V
TAFE_RVAL
Propagation Delay Time
1
5.0
8.2
15.0
ns
DAC CLOCK OUTPUT
tAFE_PW
DAC Clock Pulse Width
1
10
15
ns
tAFE_R
DAC Clock Rise Time
1
2
ns
tAFE_FT
DAC Clock Fall Time
1
2
ns
tJ
DAC Clock Jitter
1
75
ps rms
Conditions: 1) VDD = 3.3V, CL = 15pF, RL = 1K
Ω
2) IOH = -1mA
3) IOL = 1mA
Table 9: DAC DC Characteristics
ADC DC Characteristics
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
Number of Bits
10
Bits
Data Format
Straight Binary
Sample Rate
50
MSPS
ADC DATA INPUTS
VIH
HIGH level input voltage
1
2.0
V
VIL
LOW level input voltage
1
0.8
V
TA
Aperture Delay Time
1
2.7
ns
tAFE_TSU
Data Setup Time
1
3
ns
tAFE_TH
Data Hold Time
1
3
ns
ADC CLOCK OUTPUT
VOH
HIGH level output voltage
1
2.1
V
VOL
LOW level output voltage
1
0.9
V
tAFE_H
ADC/DAC Clock Pulse Width
High
1
10
15
ns
tAFE_L
ADC/DAC Clock Pulse Width
Low
1
10
15
ns
tAFE_R
ADC/DAC Clock Rise Time
1
2
ns
tAFE_FT
ADC/DAC Clock Fall Time
1
2
ns
tJ
ADC/DAC Clock Jitter
1
75
ps rms
Conditions: 1) VDD = 3.3V, CL = 15pF, RL = 1K
Ω
Table 10: ADC DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com