Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 23Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 24Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 25Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 26Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 27Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 28Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 29Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 30Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
INTELLON CONFIDENTIAL
27
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
t
AFE_PW
t
AFE_H
t
AFE_L
2.0V
0.8V
t
AFE_R
t
AFE_FT
1.5V
DAC_CLK,
ADC_CLK
Figure 21: AFE Clock Waveforms
DAC_CLK
t
AFE_RVAL
ADIO[9:0], RX_EN, TX_EN
DATA
Figure 22: AFE Transmit Timing Diagram
ADC_CLK
t
AFE_TH
t
AFE_TSU
ADIO[9:0]
DATA
Figure 23: AFE Receive Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com