Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 2Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 3Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 4Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 5Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 6Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 7Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 8Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 9Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
INTELLON CONFIDENTIAL
6
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
General Purpose Serial Interface (GPSI)
These pins are multiplexed with the MII pins and are selected when MII_GSPI_N signal is at VSS.
GPSI_RXD
Output
GPSI Receive Data
This signal carries data received from the powerline
and delivers to the external host. Data is driven on
the falling edge of the GPSI_RXCLK.
GPSI_RXCLK
Output
GPSI Receive Clock
This signal is the timing reference for the serial data
transfer from the INT5130 to the external host. This
clock operates at 10 MHz.
GPSI_TXD
Input
GPSI Transmit Data
This signal carries data transmitted from the external
host to the INT5130 for transmission over the
powerline. Data is latched on the falling edge of the
GPSI_TXCLK.
GPSI_TXCLK
Output
GPSI Transmit Clock
This signal is the timing reference for the serial data
transfer from the external host to the INT5130. This
clock operates at 10 MHz.
GPSI_RXEN
Output
GPSI Receive Enable
Indicates valid data is on the GPSI_RXD line.
GPSI_TXEN
Input
GPSI Transmit Enable
Indicates when the external host is providing valid
data on GPSI_TXD.
GPSI_TXBSY
Output
GPSI Transmit Busy
The GPSI Transmit Busy signal is asserted within
120 GPSI clocks after GPSI_TXEN indicates a TX
frame is being sent by the local host. GPSI_TXBSY
stays true until the entire TX frame is loaded into an
internal buffer AND a new buffer is allocated to the
GPSI TX interface. This signal should be monitored
by the GPSI TX host. A new GPSI TX frame should
not be sent until GPSI_TXBSY returns to false to
prevent TX buffer overflows.
GPSI_TXBSY is an asynchronous output signal.
GPSI_COL
Output
GPSI Collision Detect
This signal is driven false in GPSI mode.
SPI Slave Port
Selected when MDI_SPIS_N signal is at VSS.
SPIS_SDO
Output
SPI Slave Data Out
SPI data from the INT5130 to the external host.
SPIS_SDI
Input
SPI Slave Data In
SPI data from the external host to the INT5130.
This pin is shared with the MDI_ADRSEL[1].
SPIS_SCLK
Input
SPI Slave Clock
Timing reference signal for SPI_SDI and SPI_SDO.
SPIS_CS_N
Input
SPI Slave Chip Select
Enables SPI data transfers on the INT5130. This
pin is shared with the MDI_ADRSEL[0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com