Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130CS Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 17Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 18Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 19Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 20Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 21Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 22Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 23Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 24Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
INTELLON CONFIDENTIAL
21
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
GPSI Interface with SPI Control
The General Purpose Serial Interface (GPSI) is a flexible, bi-directional serial interface that can be utilized in
place of the MII. It provides a straightforward interface to a communications controller through a synchronous
serial data stream for transmit and receive data. When using the GPSI interface, the management interface
can either be MDI or SPI, selected by the MDI_SPIS_N pin. The information that follows describes the GPSI
communication interface along with the SPI management interface as a typical example.
External
Host
Controller
GPSI_RXCLK
GPSI_TXCLK
GPSI_TXEN
GPSI_COL
GPSI_TXD
GPSI_RXD
INT5130
GPSI_RXEN
GPSI_TXBSY
SPIS_SDO
SPIS_SDI
SPIS_SCLK
SPIS_CS_N
Figure 14: GPSI Data Interface with SPI Control
GPSI Interface
GPSI is an interoperable interface providing a simple interconnection between the INT5130 and embedded
microcontrollers. Data is transferred between the host controller and the INT5130 over separate 1-bit
transmit and receive data paths synchronous with clock signals supplied to the host by the INT5130.
GPSI Timing Diagrams
The figures below show the transmission and reception of packets and the corresponding behavior of
the GPSI interface. A packet is transferred from the host when GPSI_TXEN goes high. An
unsuccessful attempt is made to transmit a packet in Case 5. The received packet is passed to the
host when GPSI_RXEN is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com