Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
1
10
100
D103
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
D104
HD2, VS = 5 V
HD3, VS = 5 V
HD2, VS = 10 V
HD3, VS = 10 V
HD2, VS = 24 V
HD3, VS = 24 V
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D102
VS= 5 V
VS= 10 V
VS= 24 V
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
D103
HD2, VS = 5 V
HD3, VS = 5 V
HD2, VS = 10 V
HD3, VS = 10 V
HD2, VS = 24 V
HD3, VS = 24 V
Frequency (Hz)
-10
40
10
60
30
80
50
100
70
120
90
140
110
160
130
180
10
100
1k
10k
100k
1M
10M
100M
D109
Magnitude
Phase
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D101
VS = 5 V
VS = 10 V
VS = 24 V
19
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.11 Typical Characteristics: ±2.375-V to ±12-V Split Supply
at VO = 2 VPP, RF = 1 kΩ, RL = 1 kΩ and TA ≈ 25°C (unless otherwise noted)
Simulated with no output load
Figure 42. Open-Loop Gain and Phase vs Frequency
See Figure 62, gain = 1 V/V, RF = 0 Ω
Figure 43. Large-Signal Response vs Supply Voltage
See Figure 62, gain = 2 V/V
Figure 44. Large-Signal Response vs Supply Voltage
See Figure 62, gain = 2 V/V
Figure 45. Harmonic Distortion vs Frequency vs Supply
Voltage
See Figure 63, gain = –1 V/V
Figure 46. Harmonic Distortion vs Frequency vs Supply
Voltage
Measured then fit to ideal 1/f model
Figure 47. Input Voltage Noise Density vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com