Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Aux-Stage
VS+
EN
JFET-Stage
VS±
EN
VS+ ±2.5 V
VIN+
VIN±
VO
+
+
+
OPA810
CC
±
±
±
±
22
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPA810 is a single-channel, field-effect transistor (FET)-input, unity-gain stable, voltage-feedback
operational amplifier with extremely low input bias current across its common-mode input voltage range. The
OPA810, characterized to operate over a wide supply range of 4.75 V to 27 V, has a small-signal, unity-gain
bandwidth of 140 MHz and offers both excellent DC precision and dynamic AC performance at low quiescent
power. The OPA810 is fabricated on Texas Instrument's proprietary, high-speed SiGe BiCMOS process and
achieves significant performance improvements over comparable FET-input amplifiers at similar levels of
quiescent power. With a gain-bandwidth product (GBWP) of 70 MHz, extremely high slew rate (200 V/µs), and
low noise (6.3 nV/
√Hz), the OPA810 is ideal in a wide range of data acquisition and signal processing
applications. The OPA810 includes input clamps to allow maximum input differential voltage of up to 7 V, making
the device suitable for use with multiplexers and for processing signals with fast transients. The device achieves
these benchmark levels of performance while consuming a typical quiescent current (IQ) of 3.7 mA per channel.
The OPA810 can source and sink large amounts of current without degradation in its linearity performance. The
wide bandwidth of the OPA810 implies that the device has low output impedance across a wide frequency range,
thereby allowing the amplifier to drive capacitive loads up to 10 pF without requiring output isolation. This device
is suitable for a wide range of data acquisition, test and measurement front-end buffer, impedance measurement,
power analyzer, wideband photodiode transimpedance, and signal processing applications.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com