Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 3 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
1
NC
8
NC
2
VIN±
7
VS+
3
VIN+
6
VO
4
VS±
5
NC
Not to scale
1
2
3
5
4
VO
VS±
VS+
VI N+
VI N±
3
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
VS± (V)
IQ /
CHANNEL
(mA)
GBWP
(MHz)
SLEW RATE
(V/μs)
VOLTAGE NOISE
(nV/
√Hz)
AMPLIFIER DESCRIPTION
OPA2810
±12
3.6
70
192
6
Unity-gain stable FET input
OPA607
±2.5
0.9
50
24
3.8
Gain of 6, stable, low-cost CMOS
amplifier
THS4631
±15
13
210
900
7
Unity-gain stable FET input
OPA859
±2.625
20.5
1800
1150
3.3
Unity-gain stable FET input
OPA818
±6.5
27.7
2700
1400
2.2
Gain of 7, stable FET input
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
DBV and DCK Package (Preview)
5-Pin SOT-23 and SC70
Top View
(1)
I = input, O = output, and P = power.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SOIC
SOT-23, SC70
NC
1
—
—
No internal connection
VIN–
2
4
I
Inverting input pin
VIN+
3
3
I
Noninverting input pin
VS–
4
2
P
Negative power-supply pin
NC
5
—
—
No internal connection
VO
6
1
O
Output pin
VS+
7
5
P
Positive power-supply pin
NC
8
—
—
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com