Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D047
VO = 200 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D046
VO = 200 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
6
100k
1M
10M
100M
D044
RS = 0 :, CL = 4.7 pF
RS = 0 :, CL = 10 pF
RS = 56 :, CL = 22 pF
RS = 40 :, CL = 33 pF
RS = 47 :, CL = 47 pF
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
6
100k
1M
10M
100M
D045
RS = 0 :, CL = 4.7 pF
RS = 0 :, CL = 10 pF
RS = 0 :, CL = 22 pF
RS = 56 :, CL = 47 pF
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D041
Gain = 1 V/V
Gain = 1 V/V
Gain = 2 V/V
Gain = 5 V/V
Gain = 10 V/V
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D042
RL = 500 :
RL = 1 k:
11
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.8 Typical Characteristics: VS = 10 V
at VS+ = 5 V, VS– = –5 V, RL = 1 kΩ, input and output are biased to midsupply, and TA ≈ 25°C. For AC specifications, VO = 2
VPP, G = 2 V/V, RF = 1 kΩ, and CL = 4.7 pF (unless otherwise noted)
See Figure 62 and Figure 63, VO = 20 mVPP
Figure 1. Small-Signal Frequency Response vs Gain
See Figure 62, VO = 20 mVPP, gain = 1 V/V, RF = 0 Ω
Figure 2. Small-Signal Frequency Response vs Output Load
See Figure 62 and Figure 60,
VO = 20 mVPP, gain = 1 V/V, RF = 0 Ω
Figure 3. Small-Signal Frequency Response vs CL
See Figure 62and Figure 60, VO = 20 mVPP, gain = 2 V/V
Figure 4. Small-Signal Frequency Response vs CL
See Figure 62, gain = 1 V/V, RF = 0 Ω
Figure 5. Large-Signal Frequency Response vs Output
Voltage
See Figure 62, gain = 2 V/V
Figure 6. Large-Signal Frequency Response vs Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com