Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 5 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
For AC specifications, G = 2 V/V, RF = 1 kΩ and CL = 4.7 pF (unless otherwise noted).
(2)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(3)
Lower of the measured positive and negative slew rate.
(4)
Change in input offset from its value when input is biased to midsupply.
7.5 Electrical Characteristics: 10 V
Test conditions unless otherwise noted: TA = 25°C, VS+ = 5 V, VS– = –5 V, common-mode voltage (VCM) = mid-supply, RL = 1
kΩ connected to mid-supply
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(2)
AC PERFORMANCE
SSBW
Small-signal bandwidth
G = 1, VO = 20 mVPP, RF = 0 Ω
135
MHz
C
G = 1, VO = 20 mVPP, RF = 0 Ω,
CL = 10 pF
140
C
G = –1, VO = 20 mVPP
68
C
LSBW
Large-signal bandwidth
G = 2, VO = 2 VPP
41
MHz
C
GBWP
Gain-bandwidth product
70
MHz
C
Bandwdith for 0.1-dB
flatness
G = 2, VO = 20 mVPP
16
MHz
C
SR
Slew rate (20%-80%)(3)
G = 2, VO = –2-V to 2-V step
200
V/µs
C
Rise time
VO = 200-mV step
4
ns
C
Fall time
VO = 200-mV step
4
ns
C
Settling time to 0.1%
G = 2, VO = 2-V step
47
ns
C
G = 2, VO = 8-V step
65
C
Settling time to 0.001%
G = 2, VO = 2-V step
330
ns
C
G = 2, VO = 8-V step
230
C
Input overdrive recovery
G = 1, RF = 0 Ω, (VS– – 0.5 V) to (VS+
+ 0.5 V) input
55
ns
C
Output overdrive recovery
G = –1, (VS– – 0.5 V) to (VS+ + 0.5 V)
input
55
ns
C
HD2
Second-order harmonic
distortion
f = 100 kHz, RL = 1 kΩ, VO = 2 VPP
–120
dBc
C
f = 1 MHz, RL = 1 kΩ, VO = 2 VPP
–101
C
HD3
Third-order harmonic
distortion
f = 100 kHz, RL = 1 kΩ, VO = 2 VPP
–137
dBc
C
f = 1 MHz, RL = 1 kΩ, VO = 2 VPP
–101
C
en
Input-referred voltage noise
f = 500 kHz, flatband
6.3
nV/
√Hz
C
in
Input-referred current noise
f = 10 kHz
5
fA/
√Hz
C
zO
Closed-loop output
impedance
f = 100 kHz
0.007
Ω
C
DC PERFORMANCE
AOL
Open-loop voltage gain
f = DC, VO = ±2.5 V
108
120
dB
A
VOS
Input offset voltage
100
500
µV
A
Input offset voltage drift
TA = –40°C to +125°C
2.5
10
µV/°C
B
Input bias current
2
20
pA
A
Input offset current
1
20
pA
A
CMRR
Common-mode rejection
ratio
f = DC, VCM = –3 V to 1 V
80
100
dB
A
TA = –40°C to +125°C
80
B
INPUT
Allowable input differential
voltage
See Figure 54
±7
V
C
Common-mode input
impedance
In closed-loop configuration
12 || 2
GΩ||pF
C
Differential input capacitance
In open-loop configuration
0.5
pF
C
Most positive input voltage
ΔVOS < 5 mV
(4)
VS+ + 0.2
VS+ + 0.3
V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com