Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments OPA607 Datasheet HTML 29Page - Texas Instruments OPA607 Datasheet HTML 30Page - Texas Instruments OPA607 Datasheet HTML 31Page - Texas Instruments OPA607 Datasheet HTML 32Page - Texas Instruments OPA607 Datasheet HTML 33Page - Texas Instruments OPA607 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
3
/ (2
)
dB
F
D
f
GBWP
R C
Hz
S
1
2
4
F
F
F
D
GBWP
R C
R C
S
S
VBIAS
+
CD
20 pF
CPCB
0.3 pF
OPA810
+5 V
-5 V
CF + CPCB
1.03 pF
Oscillosco pe
with 50-
Inputs
RF
100 k
Sup ply Decouplin g n ot
shown
-
30
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2 Typical Applications
9.2.1 Transimpedance Amplifier
The high GBWP and low input voltage and current noise for the OPA810 make the device an ideal wideband
transimpedance amplifier for moderate to high transimpedance gains.
Figure 73. Wideband, High-Sensitivity, Transimpedance Amplifier
9.2.1.1 Design Requirements
Table 2 lists the design requirements for a high-bandwidth, high-gain transimpedance amplifier circuit.
Table 2. Design Requirements
PARAMETER
DESIGN REQUIREMENT
Target bandwidth
> 2 MHz
Transimpedance gain
100 kΩ
Photodiode capacitance
20 pF
9.2.1.2 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance gain benefit
from the low input voltage noise of the OPA810. This input voltage noise is peaked up over frequency by the
diode source capacitance, and can (in many cases) become the limiting factor to input sensitivity. The key
elements to the design are the expected diode capacitance (CD) with the reverse bias voltage (VBIAS) applied, the
desired transimpedance gain, RF, and the GBWP for the OPA810 (70 MHz). Figure 73 shows a transimpedance
circuit with the parameters as described in Table 2. With these three variables set (and including the parasitic
input capacitance for the OPA810 and the printed circuit board (PCB) added to CD), the feedback capacitor value
(CF) can be set to control the frequency response. The Transimpedance Considerations for High-Speed
Amplifiers application report discusses using high-speed amplifiers for transimpedance applications. Set the
feedback pole according to Equation 9 in order to achieve a maximally-flat second-order Butterworth frequency
response:
(9)
The input capacitance of the amplifier is the sum of the common-mode and differential capacitance (2.0 +
0.5) pF. The parasitic capacitance from the photodiode package and the PCB is approximately 0.3 pF. Using
Equation 5 gives a total input capacitance of CD = 22.8 pF. From Equation 9, set the feedback pole at 1.55 MHz.
Setting the pole at 1.55 MHz requires a total feedback capacitance of 1.03 pF.
Equation 10 shows the approximate –3-dB bandwidth of the transimpedance amplifier circuit:
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com