Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 1 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
+
±
R
C
+
±
R
G
R
G
R
F
ADS911 0
18-bit
2 MSPS
R
S
+
±
R
C
-12V
-12V
12V
12V
-0.2V
12V
R
F
C
F
C
F
AV DD
DVDD
1.8V
1.8V
VIN+
VIN-
OPA 810
OPA 810
THS 456 1
+
±
C
CB
C
CB
R¶
R¶
5V
OPA 837
V
OCM
VREF
R
FIL T
C
FIL T
+
±
5V
OPA 378
REF505 0
5.0 V
Reference
12V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
1
1 Features
1
•
Gain-bandwidth product: 70 MHz
•
Small-signal bandwidth: 140 MHz
•
Slew rate: 200 V/µs
•
Wide supply range: 4.75 V to 27 V
•
Low noise:
–
Input voltage noise: 6.3 nV/
√Hz (f = 500 kHz)
–
Input current noise: 5 fA/
√Hz (f = 10 kHz)
•
Rail-to-rail input and output:
–
FET input stage: 2-pA input bias current
(typical)
–
High linear output current: 75 mA
•
Input offset: ±500 µV (maximum)
•
Offset drift: ±2.5 µV/°C (typical)
•
Low power: 3.7 mA/channel
•
Extended temperature operation:
–40°C to +125°C
•
Dual-channel version: OPA2810
2 Applications
•
Wideband photodiode transimpedance amplifiers
•
Analog input/output modules
•
Impedance measurements
•
Power analyzers and meters
•
High-Z voltage and current measurements
•
Data acquisition
•
Multichannel sensor interfaces
•
Optoelectronic drivers
3 Description
The
OPA810
is
a
single-channel,
field-effect
transistor (FET)-input, voltage-feedback operational
amplifier with bias current in the picoampere (pA)
range. The OPA810 is unity-gain stable with a small-
signal, unity-gain bandwidth of 140 MHz, and offers
excellent DC precision and dynamic AC performance
at a low quiescent current (IQ) of 3.7 mA per channel.
The OPA810 is fabricated on Texas Instrument's
proprietary, high-speed SiGe BiCMOS process and
achieves significant performance improvements over
comparable FET-input amplifiers at similar levels of
quiescent power. With a gain-bandwidth product
(GBWP) of 70 MHz, slew rate of 200 V/µs, and low-
noise voltage of 6.3 nV/
√Hz, the OPA810 is well
suited for use in a wide range of high-fidelity data
acquisition and signal processing applications.
The OPA810 features rail-to-rail inputs and outputs
and delivers 75 mA of linear output current, suitable
for driving optoelectronics components and analog-to-
digital converter (ADC) inputs or buffering digital-to-
analog converter (DAC) outputs into heavy loads.
The OPA810 is rated over the extended industrial
temperature
range
of
–40°C
to
+125°C.
The
OPA2810 is a dual-channel variant of this device,
available
in
8-pin
SOIC,
SOT23,
and
VSSOP
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA810
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)(2)
2.90 mm × 1.60 mm
SC70 (5)(2)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview package.
High-Z Input Data Acquisition Front-End


Similar Part No. - OPA607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA607 TI1-OPA607 Datasheet
562Kb / 21P
OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI1-OPA607 Datasheet
915Kb / 28P
OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607 Datasheet
2Mb / 43P
OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results

Similar Description - OPA607

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
1A Rail-to-Rail Input-Output Operational Amplifier
June 3, 2009
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
1A Rail-to-Rail Input-Output Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com