Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4461
Description  Multi-Bit A/D for Class-D Real-Time PSR Feedback
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4461 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4461 Datasheet HTML 2Page - Cirrus Logic CS4461 Datasheet HTML 3Page - Cirrus Logic CS4461 Datasheet HTML 4Page - Cirrus Logic CS4461 Datasheet HTML 5Page - Cirrus Logic CS4461 Datasheet HTML 6Page - Cirrus Logic CS4461 Datasheet HTML 7Page - Cirrus Logic CS4461 Datasheet HTML 8Page - Cirrus Logic CS4461 Datasheet HTML 9Page - Cirrus Logic CS4461 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
DS650F1
CS4461
2. PIN DESCRIPTIONS
Pin Name
#
Pin Descriprion
VDP
6
8
13
14
Digital Logic Power (Input) – Digital core and input/output power supply. Nominally +3.3 V or +5.0 V.
Supply decoupling should placed as close as possible to pin 6.
VA
19
Analog Power (Input) - Analog power supply. Nominally +5.0 V.
GND
2
7
10
12
18
20
21
Ground (Input) - Ground reference for both analog and digital.
PSR_RESET
1
Reset (Input) - When PSR_RESET is low, the CS4461 enters a low power mode and all internal states
are reset. On initial power up, PSR_RESET must be held low until the power supply is stable, and all
input clocks are stable in frequency and phase.
VQ
22
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage.
REFGND
23
Reference Ground (Input) - Ground reference for the internal sampling circuits.
FILT+
24
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuit.
AIN+
AIN-
16
17
Differential PSR Analog Input (Input) - Signals are presented differentially to the delta-sigma modula-
tor via the AIN+/- pins.
PSR_MCLK
5
Master Clock (Input) - Clock source for the delta-sigma modulator and output data.
PSR_SYNC
3
Synchronization Data Output (Output) - Used to synchronize the serial data in the PWM modulator.
PSR_DATA
4
PSR Serial Data Output (Output) - Power supply modulated and formatted serial data.
PSR_EN
11
PSR Enable (Input) - A high to low transition on this pin will enable the PSR feedback circuit.
OVERFLOW
15
Overflow (Output, open drain) - Indicates a modulator overflow condition.
TEST
9
Test (Output) - This pin may toggle during normal operation and should be pulled low through a 47 k
Ω
resistor to GND in order to minimize noise.
PSR_RESET
FILT+
GND
REFGND
PSR_SYNC
VQ
PSR_DATA
GND
PSR_MCLK
GND
VDP
VA
GND
GND
VDP
AIN-
TEST
AIN+
GND
OVERFLOW
PSR_EN
VDP
GND
VDP
1
2
3
4
5
6
7
817
18
19
20
21
22
23
24
9
10
11
12
13
14
15
16
Top-Down View
24-pin TSSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com