Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4461
Description  Multi-Bit A/D for Class-D Real-Time PSR Feedback
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4461 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4461 Datasheet HTML 3Page - Cirrus Logic CS4461 Datasheet HTML 4Page - Cirrus Logic CS4461 Datasheet HTML 5Page - Cirrus Logic CS4461 Datasheet HTML 6Page - Cirrus Logic CS4461 Datasheet HTML 7Page - Cirrus Logic CS4461 Datasheet HTML 8Page - Cirrus Logic CS4461 Datasheet HTML 9Page - Cirrus Logic CS4461 Datasheet HTML 10Page - Cirrus Logic CS4461 Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS650F1
9
CS4461
4.3
Power-Up Sequence
Reliable power-up can be accomplished by keeping the device in reset until the power supplies and clocks
are stable. It is also recommended that reset be enabled if the analog or digital supplies drop below the min-
imum specified operating voltages to prevent power glitch related issues.
The internal reference voltage must be stable for the device to produce valid data. Therefore, there is a de-
lay between the release of reset and the generation of valid output, due to the finite output impedance of
FILT+ and the presence of the external capacitance.
4.4
Overflow Detection
The CS4461 includes modulator overflow detection, indicated on pin 15, OVERFLOW (open drain, active
low). OVERFLOW will go to a logical low as soon as an overrange condition is detected. The data will re-
main low until the condition is cleared.
4.5
Grounding and Power Supply Decoupling
As with any high resolution converter, the CS4461 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. Figure 1 shows the recommended power ar-
rangements, with VA and VDP connected to clean supplies. VDP, which powers the digital logic, may be
run from the system logic supply or may be powered from the analog supply via a resistor. In this case, no
additional devices should be powered from VDP. Decoupling capacitors should be as near to the ADC as
possible, with the low value ceramic capacitor being the nearest. All signals, especially clocks, should be
kept away from the FILT+ and VQ pins in order to avoid unwanted coupling into the modulator. The FILT+
and VQ decoupling capacitors, particularly the 0.1 µF, must be positioned to minimize the electrical path
from FILT+ to GND. The CDB44800 evaluation board demonstrates the optimum layout and power supply
arrangements. To minimize digital noise, connect the ADC digital outputs only to CMOS inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com