Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4461
Description  Multi-Bit A/D for Class-D Real-Time PSR Feedback
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4461 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4461 Datasheet HTML 1Page - Cirrus Logic CS4461 Datasheet HTML 2Page - Cirrus Logic CS4461 Datasheet HTML 3Page - Cirrus Logic CS4461 Datasheet HTML 4Page - Cirrus Logic CS4461 Datasheet HTML 5Page - Cirrus Logic CS4461 Datasheet HTML 6Page - Cirrus Logic CS4461 Datasheet HTML 7Page - Cirrus Logic CS4461 Datasheet HTML 8Page - Cirrus Logic CS4461 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
DS650F1
CS4461
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V, all voltages with respect to ground.
PSR_MCLK=12.288 MHz)
Notes:
4. Power Down Mode is defined as PSR_RESET = Low with all clocks and data lines held static.
5. Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram.
DIGITAL CHARACTERISTICS
THERMAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current
VA
(Normal Operation)
VDP = 5.0 V
VDP = 3.3 V
IA
ID
ID
-
-
-
17.5
22
14.5
21
26
17
mA
mA
mA
Power Supply Current
VA
(Power-Down Mode) (Note 4)
VDP = 5.0 V
IA
ID
-
-
2
2
-
-
mA
mA
Power Consumption
(Normal Operation)
VDP = 5.0 V
VDP = 3.3 V
(Power-Down Mode)
VDP = 5.0 V
-
-
-
198
135
20
235
161
-
mW
mW
mW
mW
ADC Power Supply Rejection Ratio (1 kHz)
(Note 5)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
2.5
25
0.01
-
-
-
V
k
Ω
mA
FILT+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
5
18
0.01
-
-
-
V
k
Ω
mA
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VDP)
VIH
70%
-
-
V
Low-Level Input Voltage
(% of VDP)
VIL
--
30%
V
High-Level Output Voltage at Io = 100 µA
(% of VDP)
VOH
70%
-
-
V
Low-Level Output Voltage at Io = 100 µA
(% of VDP)
VOL
--
15%
V
OVERFLOW Current Sink
IOVERFLOW
--
4.0
mA
Input Leakage Current
Iin
--
±10
µA
Parameter
Symbol
Min
Typ
Max
Unit
Allowable Junction Temperature
-
-
135
°C
Junction to Ambient Thermal Impedance
θJA
-70
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com