Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4461
Description  Multi-Bit A/D for Class-D Real-Time PSR Feedback
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4461 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4461 Datasheet HTML 3Page - Cirrus Logic CS4461 Datasheet HTML 4Page - Cirrus Logic CS4461 Datasheet HTML 5Page - Cirrus Logic CS4461 Datasheet HTML 6Page - Cirrus Logic CS4461 Datasheet HTML 7Page - Cirrus Logic CS4461 Datasheet HTML 8Page - Cirrus Logic CS4461 Datasheet HTML 9Page - Cirrus Logic CS4461 Datasheet HTML 10Page - Cirrus Logic CS4461 Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
DS650F1
CS4461
4. APPLICATIONS
4.1
Digital Connections
PSR_MCLK provides the system clock for the CS4461. PSR_SYNC and PSR_DATA provide the output of
the modulator to the class-D modulator with feedback capabilities. Series damping resistors should be used
on PSR_MCLK, PSR_SYNC, and PSR_DATA to minimize noise. These should be placed as close as pos-
sible to their signal source. The pin labeled TEST should also be pulled low to GND through a 47 k
Ω resistor
to minimize noise coupling into the ADC modulator.
4.2
Analog Connections
The analog modulator samples the input at PSR_MCLK/4 (6.144 MHz with PSR_MCLK=24.576 MHz).
Figure 2 shows the suggested analog input filter. This filter topology will correctly buffer the power supply’s
AC and DC components for PSR processing by the class-D modulator. The use of capacitors which have a
large voltage coefficient (such as general purpose ceramics) must be avoided since these can degrade sig-
nal linearity. C0G dielectrics should be used wherever possible. R1 and R2 should be used to scale VP
(class-D amplifier high voltage power supply) to less than the CS4461 maximum AIN+/AIN- input voltage
(3.9 V).
The following equation can be used to scale R1 and R2:
2 * (VP * (1 + %VP_Ripple)) * (R2 / (R1 + R2)) < 3.9 V
Example (VP = 40 V, %VP_Ripple = 4%):
2 * (40 * (1 + 0.04)) * (1.96 k
Ω / (40.2 kΩ + 1.96 kΩ) = 3.87 V
CS4461
AIN+
AIN-
2200 pF
C0G
-
+
90.9
Ω
120 pF
2 k
Ω
2 k
Ω
+5.0 V
649
Ω
90.9
Ω
+
-
+5.0 V
120 pF
649
Ω
VP
R1
R2
Figure 2. CS4461 Recommended Analog Input Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com