Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet (PDF) - Cirrus Logic

CS4461 Datasheet PDF - Cirrus Logic
Part # CS4461
Download  CS4461 Download
File Size   254.5 Kbytes
Page   11 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Multi-Bit A/D for Class-D Real-Time PSR Feedback

CS4461 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4461 Datasheet PDF - Cirrus Logic

Part # CS4461
Download  CS4461 Click to download

File Size   254.5 Kbytes
Page   11 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Multi-Bit A/D for Class-D Real-Time PSR Feedback

CS4461 Datasheet (HTML) - Cirrus Logic


CS4461 Product details

General Description
The CS4461 is a complete analog-to-digital converter for class-D real-time power supply rejection (PSR) feedback. It performs sampling and analog-to-digital conversion, generating digital data for input to a class-D modulator with real-time PSR feedback capabilities.

Features
● Advanced Multi-bit Delta-Sigma Architecture
● Real-time Feedback of Power Supply Conditions (AC and DC)
● Filterless Digital Output Resulting in Very Low Signal Delay
● 135 mW Power Consumption
● Supports Logic Levels Between 3.3 V and 5.0 V
● Differential Analog Architecture
● Modulator Overflow Detection
● Interfaces Directly to the CS44800/CS44600 Class-D PWM Modulator
● Multi-bit Conversion at up to 7.5 MHz
● Delivers Modulated Data Over 2-Wire Interface




Similar Part No. - CS4461

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-CQZ CIRRUS-CS44600-CQZ Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600-CQZ CIRRUS-CS44600-CQZ Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-CQZR CIRRUS-CS44600-CQZR Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
More results


Similar Description - CS4461

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
RTC72421 ETC-RTC72421 Datasheet
634Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson Company
RTC62421 EPSON-RTC62421 Datasheet
73Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
NEC
UPD78233GC-3B9 NEC-UPD78233GC-3B9 Datasheet
1Mb / 66P
ADVANCED, 8 BIT REAL TIME CONTROL MICROCOMPUTERS WITH A/D AND D/A CONVERTERS
logo
Epson Company
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RTC-7301SF EPSONTOYOCOM-RTC-7301SF Datasheet
366Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson Company
RTC-7301SF EPSON-RTC-7301SF_15 Datasheet
268Kb / 2P
REAL TIME CLOCK MODULE (4-bit)
RTC-72421 EPSON-RTC-72421_15 Datasheet
292Kb / 2P
REAL TIME CLOCK MODULE (4-bit)
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com