Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4461
Description  Multi-Bit A/D for Class-D Real-Time PSR Feedback
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4461 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4461 Datasheet HTML 1Page - Cirrus Logic CS4461 Datasheet HTML 2Page - Cirrus Logic CS4461 Datasheet HTML 3Page - Cirrus Logic CS4461 Datasheet HTML 4Page - Cirrus Logic CS4461 Datasheet HTML 5Page - Cirrus Logic CS4461 Datasheet HTML 6Page - Cirrus Logic CS4461 Datasheet HTML 7Page - Cirrus Logic CS4461 Datasheet HTML 8Page - Cirrus Logic CS4461 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
Multi-Bit A/D for Class-D Real-Time PSR Feedback
Features
Advanced Multi-bit Delta-Sigma Architecture
Real-time Feedback of Power Supply
Conditions (AC and DC)
Filterless Digital Output Resulting in Very Low
Signal Delay
135 mW Power Consumption
Supports Logic Levels Between 3.3 V and
5.0 V
Differential Analog Architecture
Modulator Overflow Detection
Interfaces Directly to the CS44800/CS44600
Class-D PWM Modulator
Multi-bit Conversion at up to 7.5 MHz
Delivers Modulated Data Over 2-Wire Interface
General Description
The CS4461 is a complete analog-to-digital converter
for class-D real-time power supply rejection (PSR) feed-
back. It performs sampling and analog-to-digital
conversion, generating digital data for input to a
class-D modulator with real-time PSR feedback
capabilities.
The CS4461 uses a 5th-order, multi-bit delta-sigma
modulator followed by output data formatting. The ADC
uses a differential architecture which provides excellent
noise rejection.
The CS4461 feeds back the AC and DC voltage compo-
nents and is ideal for class-D audio systems requiring
high power supply rejection.
The CS4461 is available in a 24-pin TSSOP package in
both Commercial (-10° to +70° C) and Automotive
grade (-40° to +85° C). The CDB44800 Customer Dem-
onstration board is also available for device evaluation
and implementation suggestions. Please see “Ordering
Information” on page 11 for complete details.
Voltage Reference
REFGND
AIN-
AIN+
FILT+
PSR_DATA
PSR_SYNC
5.0 V
(VA)
GND
VQ
PSR_MCLK
S/H
+
-
LP Filter
∆Σ
DAC
Output Data
Formatting
3.3 V to 5.0 V
(VDP)
PSR_EN
OVERFLOW
PSR_RESET
SEPTEMBER '05
DS650F1
CS4461


Similar Part No. - CS4461

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-CQZ CIRRUS-CS44600-CQZ Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600-CQZ CIRRUS-CS44600-CQZ Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-CQZR CIRRUS-CS44600-CQZR Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
More results

Similar Description - CS4461

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
RTC72421 ETC-RTC72421 Datasheet
634Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson Company
RTC62421 EPSON-RTC62421 Datasheet
73Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
NEC
UPD78233GC-3B9 NEC-UPD78233GC-3B9 Datasheet
1Mb / 66P
ADVANCED, 8 BIT REAL TIME CONTROL MICROCOMPUTERS WITH A/D AND D/A CONVERTERS
logo
Epson Company
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RTC-7301SF EPSONTOYOCOM-RTC-7301SF Datasheet
366Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson Company
RTC-7301SF EPSON-RTC-7301SF_15 Datasheet
268Kb / 2P
REAL TIME CLOCK MODULE (4-bit)
RTC-72421 EPSON-RTC-72421_15 Datasheet
292Kb / 2P
REAL TIME CLOCK MODULE (4-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com