Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4461 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4461
Description  Multi-Bit A/D for Class-D Real-Time PSR Feedback
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4461 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4461 Datasheet HTML 1Page - Cirrus Logic CS4461 Datasheet HTML 2Page - Cirrus Logic CS4461 Datasheet HTML 3Page - Cirrus Logic CS4461 Datasheet HTML 4Page - Cirrus Logic CS4461 Datasheet HTML 5Page - Cirrus Logic CS4461 Datasheet HTML 6Page - Cirrus Logic CS4461 Datasheet HTML 7Page - Cirrus Logic CS4461 Datasheet HTML 8Page - Cirrus Logic CS4461 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS650F1
3
CS4461
1. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at typical supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to 0 V.)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V, All voltages with respect to ground.) (Note 1)
Notes:
1. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
3. The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Analog
Positive Digital
VA
VDP
4.75
3.1
5.0
3.3
5.25
5.25
V
V
Ambient Operating Temperature
Commercial (-CZZ)
Automotive (-DZZ)
TAC
TAA
-10
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Digital
VA
VDP
-0.3
-0.3
+6.0
+6.0
V
V
Input Current
(Note 2)
Iin
-
±10
mA
Analog Input Voltage
(Note 3)
VIN
GND - 0.7
VA + 0.7
V
Digital Input Voltage
(Note 3)
VIND
-0.7
VDP + 0.7
V
Ambient Operating Temperature (Power Applied)
TA
-50
+95
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com