Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 4Page - Cirrus Logic CS4922 Datasheet HTML 5Page - Cirrus Logic CS4922 Datasheet HTML 6Page - Cirrus Logic CS4922 Datasheet HTML 7Page - Cirrus Logic CS4922 Datasheet HTML 8Page - Cirrus Logic CS4922 Datasheet HTML 9Page - Cirrus Logic CS4922 Datasheet HTML 10Page - Cirrus Logic CS4922 Datasheet HTML 11Page - Cirrus Logic CS4922 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CS4922
8
SWITCHING CHARACTERISTICS - CONTROL PORT (SPI MODE) (T
A = 25 °C;
VA+, VD+ = 5V; Inputs: Logic 0 = DGND, Logic 1 = VD+, CL = 20pF)
Notes: 6. Data must be held for sufficient time to bridge 300(50) ns transition time of SCK/SCL.
7. CDOUT should NOT be sampled during this time period.
8. REQ will only go HIGH if there is no data in SCPOUT at the rising edge of SCL/SCK during a READ
operation as shown. DSP frequency is 20 MHz. Pull-up resistor is 2 k
Ω. C
L = 20 pF.
9. If REQ went HIGH as indicated in note 7, then REQ will hold high at least until the next rising edge of
SCK/SCL. If data is in SCPOUT at this time REQ will go active LOW again. This condition should be
treated as a new READ process. Address and R/W bit should be sent again.
Parameter
Symbol
Min
Max
Units
SPI Mode (CS = 0)
SCK/SCL Clock Frequency
(slow mode)
(fast mode)
fsck
fsck
-
-
350
2000
kHz
CS Falling to SCK/SCL Rising
(slow mode)
tcss
20
-
ns
Rise Time of Both CDIN and SCK/SCL Lines
(slow mode)
tr
-50
ns
Fall Time of Both CDIN and SCK/SCL Lines
(slow mode)
(fast mode)
tf
tf
-
-
300
50
ns
ns
SCK/SCL Low Time
(slow mode)
(fast mode)
tscl
tscl
1100
150
-
-
ns
ns
SCK/SCL High Time
(slow mode)
(fast mode)
tsch
tsch
1100
150
-
-
ns
ns
Setup Time CDIN to SCK/SCL Rising
(slow mode)
(fast mode)
tcdisu
250
50
-
-
ns
ns
Hold Time SCK/SCL Rising to CDIN
(Note 6)
tcdih
50
-
ns
Transition Time from SCK/SCL to CDOUT Valid
(Note 7)
tscdov
-40
ns
Time from SCK/SCL Rising to REQ Rising
(Note 7)
tscrh
-200
ns
Rise Time for REQ
(Note 8)
trr
-50
ns
Fall Time for REQ
(Note 9)
trf
-20
ns
Hold Time for REQ from SCK/SCL Rising
(Note 9)
tscrl
0-
ns
Time from SCK/SCL Falling to CS Rising
tsccsh
20
-
ns
High Time Between Active CS
tcsht
200
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com