Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4922 Datasheet HTML 1Page - Cirrus Logic CS4922 Datasheet HTML 2Page - Cirrus Logic CS4922 Datasheet HTML 3Page - Cirrus Logic CS4922 Datasheet HTML 4Page - Cirrus Logic CS4922 Datasheet HTML 5Page - Cirrus Logic CS4922 Datasheet HTML 6Page - Cirrus Logic CS4922 Datasheet HTML 7Page - Cirrus Logic CS4922 Datasheet HTML 8Page - Cirrus Logic CS4922 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4922
MPEG/G.729A Audio Decoder System
Features
l DSP Optimized for Audio Decode, 24-bit
Fixed Point w/48-bit Accumulator
l On-Chip Functional Blocks Include:
- DSP with RAM and ROM Memories
- CD Quality Stereo DAC with Output Filtering
- Mono Output & Digital Volume Control
- S/PDIF Transmitter, Bidirectional PCM Audio
Port
- Internal Phase Locked Loop for Clocking
- Dedicated Compressed Serial Input Interface
l MPEG-1 & MPEG-2 Layers 1 & 2 With All
Sample/Bit Rates and Ancillary Data Support.
l MPEG-1 & MPEG-2 Packetized Audio
Stream and Elementary Stream Input
l G.729A Audio Decode
l PCM Synthesis for Auxiliary Audio
l Pin Compatibility with CS4920A and Primary
Feature/Firmware Compatible
l +5 Volt Only CMOS, 44 pin PLCC
Description
The CS4922 is a complete audio decompression sub-
system implemented in a single high integration mixed
signal CMOS chip. The CS4922 has been widely used
in direct broadcast system set-top boxes and proprietary
embedded systems which pull compressed audio from
local system memory.
The CS4922 is tailored to include the necessary hard-
ware and firmware to ensure proper audio/video
synchronization for MPEG-2 audio decompression. In
addition to audio decoding this programmable DSP solu-
tion provides robust error concealment and feature
implementations like ancillary data support and PCM
synthesis.
The CS4922 can also support the decode of other com-
pression standards such as G.729A with a separate
download image. The flexible architecture of the CS4922
provides the ability to mix compressed audio with data
from the auxiliary PCM port.
ORDERING INFORMATION
CS4922-CL
44-pin PLCC
CDB4922
Evaluation Board
VD1
VD4
SCK/SCL SDA/CDOUT CDIN CS REQ
VA+
Serial Control Port (SPI or I2C)
AUXLR
AUXIN
AUXOUT
AUXCLK
FSYNC
SCLK
SDATA
Auxiliary
Serial Audio
Port
Serial
Audio
Port
RESET
90_CLK
BOOT
33 bit Counter
DGND1
DGND4
DSP
FLT CLKIN EXTCK ALTCLK CLKOUT
PLL
+
Clock Manager
Stereo DAC
AOUTM
AOUTL
AOUTR
AES/EBU - S/PDIF
TX
Transmitter
Programmable
IO/ Pins
PIO
XF1
XF2
XF3
XF4
AGND1 AGND2
JUL ‘99
DS227PP2


Similar Part No. - CS4922

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
200 KV RECTIFIER
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
CS4923-CL CIRRUS-CS4923-CL Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
CS492301-CL CIRRUS-CS492301-CL Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
CS492305-CL CIRRUS-CS492305-CL Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
More results

Similar Description - CS4922

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
ISO/MPEG Audio Source Decoder
1997 Nov 17
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
Winbond
W9925PF WINBOND-W9925PF Datasheet
21Kb / 1P
MPEG-1 A/V SYSTEM DECODER
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com