Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 9Page - Cirrus Logic CS4922 Datasheet HTML 10Page - Cirrus Logic CS4922 Datasheet HTML 11Page - Cirrus Logic CS4922 Datasheet HTML 12Page - Cirrus Logic CS4922 Datasheet HTML 13Page - Cirrus Logic CS4922 Datasheet HTML 14Page - Cirrus Logic CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic CS4922 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CS4922
13
SWITCHING CHARACTERISTICS - AUXILIARY DIGITAL AUDIO PORT
Notes: 16. Fs determined by clock input rate and configuration of on-chip PLL.
17. AUXCLK frequency selectable @ 32, 64, or 128 Fs via AUXCN register bits 1:0.
Parameter
Symbol
Min
Typ
Max
Units
Input Sample Rate
(Note 16)
Fs
16
-
48
kHz
AUXCLK Period
(Note 17)
tsclk
-
1/(32Fs)
1/(64Fs)
1/(128Fs)
-ns
AUXCLK to AUXLR valid
tlrun
0
-
25
ns
AUXCLK to AUXOUT data valid
tdoun
0
-
25
AUXIN data setup time to AUXCLK
tdisu
50
-
-
ns
AUXIN data hold time from AUXCLK
tdiho
3
-
-
ns
AUXCLK
AUXLR
AUXOUT
AUXIN
Fs
Tsclk
Tlrun
Tdoun
Tdisu
Tdiho
Figure 5. Auxiliary Audio Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com