Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4922 Datasheet HTML 1Page - Cirrus Logic CS4922 Datasheet HTML 2Page - Cirrus Logic CS4922 Datasheet HTML 3Page - Cirrus Logic CS4922 Datasheet HTML 4Page - Cirrus Logic CS4922 Datasheet HTML 5Page - Cirrus Logic CS4922 Datasheet HTML 6Page - Cirrus Logic CS4922 Datasheet HTML 7Page - Cirrus Logic CS4922 Datasheet HTML 8Page - Cirrus Logic CS4922 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CS4922
4
1
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = 5V; CLKIN = 27 MHz; Full-Scale Output
Sinewave, 1.125 kHz; Word Clock = 48 kHz (PLL in use); Logic 0 = GND, Logic 1 = VD+; Measurement Bandwidth
is 20 Hz to 20 kHz; Local components as shown in "Typical Connection Diagram"; SPI mode, I2S audio data;
unless otherwise specified.)
Notes: 1. 10 k
Ω, 100pF load for each analog signal (Left, Right).
30 k
Ω, 100pF load for analog Mono signal.
D/A INTERPOLATION FILTER CHARACTERISTICS (See Figures 20 through 23)
* Refer to
Parameter Definitions on page 31 of this data sheet.
Specifications are subject to change without notice.
Parameter*
Symbol
Min
Typ
Max
Units
Dynamic Performance
DAC Resolution
16
-
-
Bits
DAC Differential Nonlinearity
DNL
-
-
±0.9
LSB
Total Harmonic Distortion
AOUTL, AOUTR
(Note 1)
AOUTM
THD
-
0.01
0.02
0.015
0.03
%
Instantaneous Dynamic Range
AOUTL, AOUTR
(Note 1)
(DAC not muted, A weighted)
AOUTM
IDR
85
80
90
85
-dB
Interchannel Isolation
(Note 1)
-
85
-
dB
Interchannel Gain Mismatch
-
-
0.2
dB
Frequency Response
-3.0
-
+0.2
dB
Full Scale output Voltage
AOUTL, AOUTR
(Note 1)
AOUTM
2.66
2.7
2.88
3.0
3.2
3.3
Vpp
Gain Drift
-
100
-
ppm/°C
Deviation from Linear Phase
-
-
5
Deg
Out of Band Energy
(Fs/2 to 2Fs)
-
-60
-
dB
Analog Output Load
Resistance:
Capacitance:
8
-
-
-
-
100
k
Ω
pF
Power Supply
Power Supply Rejection
(1 kHz)
-
40
-
dB
Power Supply Consumption
VA+
VD+
-
-
20
100
40
140
mA
mA
Parameter
Symbol
Min
Typ
Max
Units
Passband (to -3 dB corner)
(Fs is conversion freq.).
0
-
0.476Fs
Hz
Passband Ripple.
-
-
±0.1
dB
Transition Band.
0.442Fs
-
0.567Fs
Hz
Stop Band.
≥0.567Fs
-
-
Hz
Stop Band Rejection.
50
-
-
dB
Stop Band Rejection with Ext. 2Fs RC filter.
57
-
-
dB
Group Delay.
-
12/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com