Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 14Page - Cirrus Logic CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic CS4922 Datasheet HTML 17Page - Cirrus Logic CS4922 Datasheet HTML 18Page - Cirrus Logic CS4922 Datasheet HTML 19Page - Cirrus Logic CS4922 Datasheet HTML 20Page - Cirrus Logic CS4922 Datasheet HTML 21Page - Cirrus Logic CS4922 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
CS4922
18
communication between the on-chip DSP and an
off-chip device such as a micro controller. Figure
13 shows a block diagram of the port.
4.7.1 I
2C Mode
The status of CS sets the mode of the SCP during a
hardware and software reset. If CS is high during a
reset the mode is I2C. Note that in most systems
where I2C is the preferred control mode, CS is con-
nected to the digital supply.
For normal I2C operation SCL/SCK, SDA, and
REQ are used. CS and CDIN are typically connect-
ed to the digital supply. SCL/SCK is the serial
clock input which is always driven by an external
device. SDA is the serial data Input/Output signal.
REQ is the active low request signal, which is driv-
en low when there is valid data in the serial control
port output SCPOUT register.
As an I2C compatible port, data is communicated
on the SDA pin and is clocked by the rising edge of
SCL/SCK. The Philips I2C bus specification pro-
vides details of this interface. Note the CS4922
does not meet the rise time specification of the
SCL/SCK signal. For more details please refer to
the section on Rise Time of SCL/SCK.
Figure 12 shows the relative timing necessary for
an I2C write operation for a single byte. A ‘write’
is defined as the transfer of data from an I2C bus
master to the CS4922 serial control port. A transfer
is initiated with a start condition followed by a 7 bit
address and a read/write bit (set low for a write).
This address is the address assigned to the device
being written to during the transfer. In the case of
the CS4922, this address is stored in the SCPCN
register. Immediately following power up, the
CS4922's Address checking Enable (AEN) bit is
set to zero. The AEN bit must be set high for the
CS4922 to compare the address of the intended I2C
device on the bus to its internal address. This means
the CS4922 will respond to any address on the I2C
bus until its address is initialized and address
checking is enabled. To avoid bus conflicts the
CS4922 should be held in reset (RESET active
low) until the master is ready to communicate with
the CS4922 and sets the address in the SCPCN. The
address can only be set using the I2C bus interface,
so the master should use the intended I2C address
when downloading microcode to the CS4922 to
avoid conflict with other devices on the bus. Once
the microcode is loaded into the CS4922 the micro-
code should either initialize the I2C address or pro-
vide a means for the master to program the I2C
address. If the CS4922 is the only device on the I2C
bus, address checking is optional. However, I2C
bus protocol is still required. In other words, the ad-
dress bits and read/write bit are still required.
If a write to the CS4922 is specified, 8 bits of data
on SDA will be shifted into the input shift register as
shown in Figure 13. When the shift register is full,
the 8 bit data is transferred to the Serial Control
Port Input (SCPIN) register on the falling edge of
the 8th data bit and an acknowledge (ACK) is sent
back to the master..
AUXLR
AUXCLK
AUXOUT
LSB
MSB
20 clks
64 clks
64 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
AUXOUT #1
AUXOUT #3
AUXOUT #5
AUXOUT #2
AUXOUT #4
AUXOUT #6
20 clks
20 clks
20 clks
20 clks
20 clks
20 clks
AUXIN #1
AUXIN #3
AUXIN #2
AUXIN #4
20 clks
20 clks
20 clks
AUXIN
Figure 11. Multi-channel Auxiliary Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com