Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic CS4922 Datasheet HTML 17Page - Cirrus Logic CS4922 Datasheet HTML 18Page - Cirrus Logic CS4922 Datasheet HTML 19Page - Cirrus Logic CS4922 Datasheet HTML 20Page - Cirrus Logic CS4922 Datasheet HTML 21Page - Cirrus Logic CS4922 Datasheet HTML 22Page - Cirrus Logic CS4922 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CS4922
19
If the CS4922 fails to ACK it is possible that the
byte was rejected and it should be transmitted
again. If the second attempt fails the CS4922
should be issued a hardware reset to reinitialize the
communication path.
If the DSP core of the CS4922 wants to send a byte
to the master, it first writes the byte to the Serial
Control Port Output (SCPOUT) register. A write to
the SCPOUT sets the request pin (REQ) active low.
The master must recognize the request and issue a
read operation to the DSP. Figure 14 shows the rel-
ative timing of a single byte read. The master must
send the 7 bit address (if address checking is en-
abled it must match the address in the SCPCN reg-
ister) and the read bit. For I2C protocol, it is always
the device receiving the transfer that must ACK.
Therefore, the CS4922 will ACK the address and
the read bit. After the ACK by the CS4922 (the fall-
ing edge of SCL/SCK), the serial shift register is
loaded with the byte to be sent and the most signif-
icant bit is placed on the SDA line.
The 8 bit value in the serial shift register is shifted
out by the master. The data is valid on the rising
edge of SCL/SCK and transitions immediately fol-
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
SDA
SCL/SCK
SDA
SCL/SCK
Start
Stop
Figure 12. Control Port Timing, I2C® Write
24
STATE
MACHINE
OUTPUT
CONTROL
INTERRUPT
CONTROL
SCPOUT
SCPIN
INT
I/O DATA
BUS
24
8
8
SREG
8
8
SCPCN
CS
REQ
SCK/SCL
CDIN
SDA/
CDOUT
M0
Figure 13. Serial Control Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com