Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 24Page - Cirrus Logic CS4922 Datasheet HTML 25Page - Cirrus Logic CS4922 Datasheet HTML 26Page - Cirrus Logic CS4922 Datasheet HTML 27Page - Cirrus Logic CS4922 Datasheet HTML 28Page - Cirrus Logic CS4922 Datasheet HTML 29Page - Cirrus Logic CS4922 Datasheet HTML 30Page - Cirrus Logic CS4922 Datasheet HTML 31Page - Cirrus Logic CS4922 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CS4922
28
Digital-to-Analog Converter
AOUTL, AOUTR - Analog Outputs, Left and Right Channels, PINS 38, 39.
These DAC outputs are centered at approximately 2.2V. An external filter is required to
diminish out-of-band noise. See Typical Connection Diagram, Figure 1.
AOUTM - Mono Analog Output, PIN 37.
Mono is the summation of AOUTL and AOUTR. Mono output is 180° out-of-phase with the
sum of AOUTL and AOUTR. Mono is centered at approximately 2.2V. An external filter is
required to diminish out-of-band noise. See Typical Connection Diagram, Figure 1.
Serial Audio Port
FSYNC - Frame Synchronization Clock Input, PIN 23.
When SCLK and SDATA are used for delivering compressed data to the CS4922 (e.g. the
MPEG application code), the FSYNC pin should be tied to the +5V supply. When SCLK and
SDATA are used for delivering PCM data (e.g. the G.729A application code), FSYNC
transitions delineate left and right audio data, or the start of a data frame.
SCLK - Serial Clock Input, PIN 22.
SCLK is used to clock the serial audio data on SDATA into the device. The active edge of
SCLK is determined by the application code running on the CS4922.
SDATA - Serial Audio Data Input, PIN 21.
SDATA is an audio data input pin for the CS4922. The data is clocked in on the active edge
of SCLK.
Digital Audio Transmitter
TX - Transmitter Output, PIN 5.
Biphase mark encoded data is output at logic levels from the TX pin. This output typically
connects to the input of an RS-422 or optical transmitter. With additional external circuitry, the
port can support either AES/EBU or S/PDIF formats.
Clock Manager
CLKOUT - Clock Output, PIN 24.
CLKOUT can be used to synchronize peripheral devices such as a micro controller or an audio
source. The clock frequency is determined by a divide by Q in the clock manager.
The
maximum CLKOUT frequency is the maximum DSP frequency divided by 2.
ALTCLK - Clock Input, PIN 28.
When EXTCK is high, ALTCLK is an input for an externally generated clock. This clock
directly becomes the DSP clock and the clock frequency should be 512Fs or 768Fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com