Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 48Page - Cirrus Logic CS42418 Datasheet HTML 49Page - Cirrus Logic CS42418 Datasheet HTML 50Page - Cirrus Logic CS42418 Datasheet HTML 51Page - Cirrus Logic CS42418 Datasheet HTML 52Page - Cirrus Logic CS42418 Datasheet HTML 53Page - Cirrus Logic CS42418 Datasheet HTML 54Page - Cirrus Logic CS42418 Datasheet HTML 55Page - Cirrus Logic CS42418 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
CS42418
52
Notes: 3. Typical performance numbers are taken at 25° C. Min/Max performance numbers are guaranteed across
the specified temperature range, TA.
4. Referred to the typical full-scale voltage.
5. Measured between AIN+ and AIN-
A/D DIGITAL FILTER CHARACTERISTICS
Notes: 6. The filter frequency response scales precisely with Fs.
7. Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
FILT+ Nominal Voltage
Output Impedance
Maximum allowable DC current
-
-
-
5.0
35
0.01
-
-
-
-
-
-
5.0
35
0.01
-
-
-
V
k
Ω
mA
Parameter
Symbol
Min
Typ
Max
Unit
Single Speed Mode (2 to 50 kHz sample rates)
Passband
(-0.1 dB)
(Note 6)
0
-
0.47
Fs
Passband Ripple
-
-
±0.035
dB
Stopband
(Note 6)
0.58
-
-
Fs
Stopband Attenuation
-95
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-12/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
Double Speed Mode (50 to 100 kHz sample rates)
Passband
(-0.1 dB)
(Note 6)
0
-
0.45
Fs
Passband Ripple
-
-
±0.035
dB
Stopband
(Note 6)
0.68
-
-
Fs
Stopband Attenuation
-92
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
Quad Speed Mode (100 to 192 kHz sample rates)
Passband
(-0.1 dB)
(Note 6)
0
-
0.24
Fs
Passband Ripple
-
-
±0.035
dB
Stopband
(Note 6)
0.78
-
-
Fs
Stopband Attenuation
-97
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-5/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
High Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 7)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 7)
-
10
-
Deg
Passband Ripple
-
-
0
dB
Filter Setting Time
-
105/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com