Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42418 Datasheet HTML 1Page - Cirrus Logic CS42418 Datasheet HTML 2Page - Cirrus Logic CS42418 Datasheet HTML 3Page - Cirrus Logic CS42418 Datasheet HTML 4Page - Cirrus Logic CS42418 Datasheet HTML 5Page - Cirrus Logic CS42418 Datasheet HTML 6Page - Cirrus Logic CS42418 Datasheet HTML 7Page - Cirrus Logic CS42418 Datasheet HTML 8Page - Cirrus Logic CS42418 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS42418
110 dB, 192 kHz 8-Ch Codec with PLL
Features
Eight 24-bit D/A, two 24-bit A/D converters
110 dB DAC / 114 dB ADC dynamic range
-100 dB THD+N
System sampling rates up to 192 kHz
Integrated low-jitter PLL for increased system
jitter tolerance
PLL clock or OMCK system clock selection
7 configurable general purpose outputs
ADC high pass filter for DC offset calibration
Expandable ADC channels and one-line
mode support
Digital output volume control with soft ramp
Digital +/-15 dB input gain adjust for ADC
Differential analog architecture
Supports logic levels between 5 V and 1.8 V
General Description
The CS42418 CODEC provides two analog-to-digital and eight
digital-to-analog Delta-Sigma converters, as well as an inte-
grated PLL, in a 64-pin LQFP package.
The CS42418 integrated PLL provides a low-jitter system
clock. The internal stereo ADC is capable of independent chan-
nel gain control for single-ended or differential analog inputs.
All eight channels of DAC provide digital volume control and
differential analog outputs. The general purpose outputs may
be driven high or low, or mapped to a variety of DAC mute con-
trols or ADC overflow indicators.
The CS42418 is ideal for audio systems requiring wide dynam-
ic range, negligible distortion and low noise, such as A/V
receivers, DVD receivers, digital speaker and automotive audio
systems.
ORDERING INFORMATION
CS42418-CQZ -10° to 70° C
64-pin LQFP
CS42418-DQZ -40° to 85° C
64-pin LQFP
CDB42428
Evaluation Board
PLL
Internal Voltage
Reference
RST
GPO1
AD0/C S
S CL/CCLK
SDA/CD O UT
AD 1/CD IN
VLC
AO U TA1+
AO U TA1-
AO UTB1+
AO UTA3+
AO U TA3-
AO U TA2-
AO U TB2-
AO UTA2+
AO U TB2+
AO U TB1-
AO UTB3+
AO UT B3-
AO U TA4+
AO UTA 4-
AO U TB4+
AO U TB4-
AINL+
AIN L-
AIN R+
AINR -
FILT+
REFG ND
VQ
ADC #1
AD C#2
D igital F ilter
D igital F ilter
G ain & C lip
G ain & C lip
DAC_S CLK
D AC_LR CK
DAC _SDIN4
DAC _SD IN 3
DA C_SD IN 2
DAC_SD IN 1
VLS
DG ND
VD
O MC K
RM CK
LPFLT
INT
Control
Port
DAC#1
DAC#2
DAC#3
DAC#4
DAC#5
DAC#6
DAC#7
DAC #8
GPO2
GPO3
GPO4
GPO5
GPO6
GPO7
MU TEC
Mute
VA
AG N D
Mult/Div
GPO
ADC _SDO U T
ADCIN1
A DCIN2
AD C_LRC K
ADC
Serial
Audio
Port
ADC _SCLK
JUL ‘04
DS603A2


Similar Part No. - CS42418

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42418 CIRRUS-CS42418 Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42418-CQZ CIRRUS-CS42418-CQZ Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42418-CQZR CIRRUS-CS42418-CQZR Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42418-DQZ CIRRUS-CS42418-DQZ Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42418-DQZR CIRRUS-CS42418-DQZR Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
More results

Similar Description - CS42418

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42426 CIRRUS-CS42426 Datasheet
1Mb / 67P
114 dB, 192kHz 6-Ch CODEC WITH PLL
CS42428 CIRRUS-CS42428 Datasheet
1Mb / 67P
114 dB, 192kHz 8-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 8-Ch Codec with PLL
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com