Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 59Page - Cirrus Logic CS42418 Datasheet HTML 60Page - Cirrus Logic CS42418 Datasheet HTML 61Page - Cirrus Logic CS42418 Datasheet HTML 62Page - Cirrus Logic CS42418 Datasheet HTML 63Page - Cirrus Logic CS42418 Datasheet HTML 64Page - Cirrus Logic CS42418 Datasheet HTML 65Page - Cirrus Logic CS42418 Datasheet HTML 66Page - Cirrus Logic CS42418 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
CS42418
64
DC ELECTRICAL CHARACTERISTICS (T
A = 25° C; AGND=DGND=0, all voltages with respect
to ground; OMCK=12.288 MHz; Master Mode)
Notes: 22. Current consumption increases with increasing FS and increasing OMCK. Max values are based on
highest FS and highest OMCK. Variance between speed modes is negligible.
23. ILC measured with no external loading on the SDA pin.
24. Power down mode is defined as RST pin = Low with all clock and data lines held static.
25. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure .
DIGITAL INTERFACE CHARACTERISTICS (For CQ, T
A = +25° C; For DQ, TA = -40 to +85° C)
Notes: 26. Serial Port signals include: RMCK, OMCK, ADC_SCLK, ADC_LRCK, DAC_SCLK, DAC_LRCK,
ADC_SDOUT, DAC_SDIN1-4 ADCIN1/2
Control Port signals include: SCL/CCLK, SDA/CDOUT, AD0/CS, AD1/CDIN, INT, RST
27. When operating RMCK above 24.576 MHz, limit the loading on the signal to 1 CMOS load.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Current
normal operation, VA=5 V
(Note 22)
VD=5 V
VD=3.3 V
Interface current, VLC=5V (Note 23)
VLS=5 V
power-down state (all supplies) (Note 24)
IA
ID
ID
ILC
ILS
Ipd
-
-
-
-
-
-
90
150
100
250
250
250
-
-
-
-
-
-
mA
mA
mA
µA
µA
µA
Power Consumption
(Note 22)
VA=5 V, VD=VLS=VLC=3.3 V
normal operation
power-down (Note 24)
VA=5 V, VD=VLS=VLC=5 V
normal operation
power-down (Note 24)
-
-
-
-
780
1.25
950
1.25
850
-
1050
-
mW
mW
mW
mW
Power Supply Rejection Ratio (Note 25)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
Parameters (Note 26)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Port
Control Port
VIH
0.7xVLS
0.7xVLC
-
-
-
-
V
V
Low-Level Input Voltage
Serial Port
Control Port
VIL
-
-
-
-
0.2xVLS
0.2xVLC
V
V
High-Level Output Voltage at Io=2 mA
(Note 27)Serial Port
Control Port
MUTEC, GPOx
VOH
VLS-1.0
VLC-1.0
VA-1.0
-
-
-
-
-
-
V
V
V
Low-Level Output Voltage at Io=2 mA
(Note 27)
Serial Port, Control Port, MUTEC, GPOx
VOL
--
0.4
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
MUTEC Drive Current
-
3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com