Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 38Page - Cirrus Logic CS42418 Datasheet HTML 39Page - Cirrus Logic CS42418 Datasheet HTML 40Page - Cirrus Logic CS42418 Datasheet HTML 41Page - Cirrus Logic CS42418 Datasheet HTML 42Page - Cirrus Logic CS42418 Datasheet HTML 43Page - Cirrus Logic CS42418 Datasheet HTML 44Page - Cirrus Logic CS42418 Datasheet HTML 45Page - Cirrus Logic CS42418 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
CS42418
42
5.12
Volume Control (addresses 0Fh, 10h, 11h, 12h, 13h, 14h, 15h, 16h)
5.12.1 VOLUME CONTROL (XX_VOL)
Default = 0
Function:
The Digital Volume Control registers allow independent control of the signal levels in 0.5 dB incre-
ments from 0 to -127 dB. Volume settings are decoded as shown in Table 14. The volume changes
are implemented as dictated by the Soft and Zero Cross bits (SZC[1:0]). All volume settings less than
-127 dB are equivalent to enabling the MUTE bit for the given channel.
5.13
Channel Invert (address 17h)
5.13.1 INVERT SIGNAL POLARITY (INV_XX)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, these bits will invert the signal polarity of their respective channels.
5.14
Mixing Control Pair 1 (Channels A1 & B1)(address 18h)
Mixing Control Pair 2 (Channels A2 & B2)(address 19h)
Mixing Control Pair 3 (Channels A3 & B3)(address 1Ah)
Mixing Control Pair 4 (Channels A4 & B4)(address 1Bh)
76543
210
xx_VOL7
xx_VOL6
xx_VOL5
xx_VOL4
xx_VOL3
xx_VOL2
xx_VOL1
xx_VOL0
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
00101000
40
-20 dB
01010000
80
-40 dB
01111000
120
-60 dB
10110100
180
-90 dB
Table 14. Example Digital Volume Settings
76543
210
INV_B4
INV_A4
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
76543
210
Px_A=B
Reserved
Reserved
Px_ATAPI4
Px_ATAPI3
Px_ATAPI2
Px_ATAPI1
Px_ATAPI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com