Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 37Page - Cirrus Logic CS42418 Datasheet HTML 38Page - Cirrus Logic CS42418 Datasheet HTML 39Page - Cirrus Logic CS42418 Datasheet HTML 40Page - Cirrus Logic CS42418 Datasheet HTML 41Page - Cirrus Logic CS42418 Datasheet HTML 42Page - Cirrus Logic CS42418 Datasheet HTML 43Page - Cirrus Logic CS42418 Datasheet HTML 44Page - Cirrus Logic CS42418 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41
CS42418
The Digital-to-Analog converters of the CS42418 will mute the output following the reception of 8192
consecutive audio samples of static 0 or -1. A single sample of non-static data will release the mute.
Detection and muting is done independently for each channel. The quiescent voltage on the output
will be retained and the MUTEC pin will go active during the mute period. The muting function is af-
fected, similar to volume control changes, by the Soft and Zero Cross bits (SZC[1:0]).
5.10.4 SOFT VOLUME RAMP-UP AFTER ERROR (RMP_UP)
Default = 0
0 - Disabled
1 - Enabled
Function:
An un-mute will be performed after executing a filter mode change, after a MCLK/LRCK ratio change
or error, and after changing the Functional Mode. When this feature is enabled, this un-mute is affect-
ed, similar to attenuation changes, by the Soft and Zero Cross bits (SZC[1:0]). When disabled, an im-
mediate un-mute is performed in these instances.
Note: For best results, it is recommended that this bit be used in conjunction with the RMP_DN bit.
5.10.5 SOFT RAMP-DOWN BEFORE FILTER MODE CHANGE (RMP_DN)
Default = 0
0 - Disabled
1 - Enabled
Function:
A mute will be performed prior to executing a filter mode or de-emphasis mode change. When this
feature is enabled, this mute is affected, similar to attenuation changes, by the Soft and Zero Cross
bits (SZC[1:0]). When disabled, an immediate mute is performed prior to executing a filter mode or
de-emphasis mode change.
Note: For best results, it is recommended that this bit be used in conjunction with the RMP_UP bit.
5.11
Channel Mute (address 0Eh)
5.11.1 INDEPENDENT CHANNEL MUTE (XX_MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter outputs of the CS42418 will mute when enabled. The quiescent volt-
age on the outputs will be retained. The muting function is affected, similar to attenuation changes,
by the Soft and Zero Cross bits (SZC[1:0]).
76543
210
B4_MUTE
A4_MUTE
B3_MUTE
A3_MUTE
B2_MUTE
A2_MUTE
B1_MUTE
A1_MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com