Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 18Page - Cirrus Logic CS42418 Datasheet HTML 19Page - Cirrus Logic CS42418 Datasheet HTML 20Page - Cirrus Logic CS42418 Datasheet HTML 21Page - Cirrus Logic CS42418 Datasheet HTML 22Page - Cirrus Logic CS42418 Datasheet HTML 23Page - Cirrus Logic CS42418 Datasheet HTML 24Page - Cirrus Logic CS42418 Datasheet HTML 25Page - Cirrus Logic CS42418 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
CS42418
22
3.5.4
One Line Mode(OLM) Configurations
3.5.4.1
OLM Config #1
One Line Mode Configuration #1 can support up to 8 channels of DAC data, and 6 channels of ADC data.
This is the only configuration which will support up to 24-bit samples at a sampling frequency of 48 kHz
on all channels for both the DAC and ADC.
Register / Bit Settings
Description
Functional Mode Register (addr = 03h)
Set DAC_FMx = ADC_FMx = 00,01,10
DAC_LRCK must equal ADC_LRCK; sample rate conversion not supported
Set ADC_CLK_SEL = 0
Configure ADC_SDOUT to be clocked from the DAC_SP clocks.
Interface Format Register (addr = 04h)
Set DIFx bits to proper serial format
Select the digital interface format when not in one line mode
Set ADC_OLx bits = 00,01,10
Select ADC operating mode, see table below for valid combinations
Set DAC_OLx bits = 00,01,10
Select DAC operating mode, see table below for valid combinations
Misc. Control Register (addr = 05h)
Set DAC_SP M/S = 1
Configure DAC Serial Port to master mode.
Set ADC_SP M/S = 1
Configure ADC Serial Port to master mode.
Set EXT ADC SCLK = 0
Identify external ADC clock source as ADC Serial Port.
DAC Mode
Not One Line Mode
One Line Mode #1
One Line Mode #2
ADC Mode
Not One
Line Mode
DAC_SCLK=64Fs
DAC_LRCK=SSM/DSM/QSM
DAC_SCLK=128Fs
DAC_LRCK=SSM/DSM
ADC_SCLK=64Fs
ADC_LRCK=DAC_LRCK
not valid
One Line
Mode #1
DAC_SCLK=128Fs
DAC_LRCK=SSM/DSM
ADC_SCLK=64Fs
ADC_LRCK=DAC_LRCK
DAC_SCLK=128Fs
DAC_LRCK=SSM/DSM
ADC_SCLK=64Fs
ADC_LRCK=DAC_LRCK
not valid
One Line
Mode #2
DAC_SCLK=256Fs
DAC_LRCK=SSM
ADC_SCLK=64Fs
ADC_LRCK=DAC_LRCK
not valid
DAC_SCLK=256Fs
DAC_LRCK=SSM
ADC_SCLK=64Fs
ADC_LRCK=DAC_LRCK
SCLK _P ORT1
LRCK_POR T1
SD IN_POR T1
SCLK _P ORT2
LRCK_POR T2
SD OUT1_POR T2
SD OUT2_POR T2
SD OUT3_POR T2
SD OUT4_POR T2
ADC _SC LK
AD C_LRC K
DAC_SC LK
DA C_LRC K
ADC_S DOU T
DAC_SD IN1
DAC_SD IN2
DAC_SD IN3
DAC_SD IN4
RM CK
A DCIN1
A DCIN2
MC LK
SD OUT1
SD OUT2
LR CK
SCLK
64Fs
ADC Data
64Fs,128Fs, 256Fs
DIG ITA L A UD IO
PRO CESSO R
CS5361
C S5361
MC LK
Figure 13. OLM Configuration #1
CS42418



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com