Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42418 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 15Page - Cirrus Logic CS42418 Datasheet HTML 16Page - Cirrus Logic CS42418 Datasheet HTML 17Page - Cirrus Logic CS42418 Datasheet HTML 18Page - Cirrus Logic CS42418 Datasheet HTML 19Page - Cirrus Logic CS42418 Datasheet HTML 20Page - Cirrus Logic CS42418 Datasheet HTML 21Page - Cirrus Logic CS42418 Datasheet HTML 22Page - Cirrus Logic CS42418 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
19
CS42418
Le ft C hannel
R ight C hannel
DAC_ SDIN x
AD C_ SDO UT
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
MSB
LS B
LSB
DA C_LR CK
AD C_LR CK
DAC _SC LK
ADC _SC LK
Figure 8. I2S Serial Audio Formats
I2S Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
16
64 Fs
48, 64, 128 Fs
single-speed mode
64 Fs
64 Fs
double-speed mode
64 Fs
64 Fs
quad-speed mode
18 to 24
64, 128, 256 Fs
48, 64, 128 Fs
single-speed mode
64 Fs
64 Fs
double-speed mode
64 Fs
64 Fs
quad-speed mode
DAC_LRCK
ADC_LRCK
DAC_SCLK
ADC_SCLK
L eft C han nel
Righ t C han ne l
DAC_SDIN x
AD C_SDO UT
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Figure 9. Left Justified Serial Audio Formats
Left Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
16
64 Fs
32, 48, 64, 128 Fs
single-speed mode
64 Fs
32, 64 Fs
double-speed mode
64 Fs
32, 64 Fs
quad-speed mode
18 to 24
64, 128, 256 Fs
48, 64, 128 Fs
single-speed mode
64 Fs
64 Fs
double-speed mode
64 Fs
64 Fs
quad-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com