Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 12Page - Maxim Integrated Products MAX7313 Datasheet HTML 13Page - Maxim Integrated Products MAX7313 Datasheet HTML 14Page - Maxim Integrated Products MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products MAX7313 Datasheet HTML 17Page - Maxim Integrated Products MAX7313 Datasheet HTML 18Page - Maxim Integrated Products MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Set the interrupt enable I bit in the configuration register
to configure INT/O16 as the INT output (Table 4). Clear
interrupt enable to configure INT/O16 as the O16. O16
logic state is set by the 2 bits O1 and O0 in the configu-
ration register. O16 follows the rules for blinking select-
ed by the blink enable flag E in the configuration
register. If blinking is disabled, then interrupt output
control O0 alone sets the logic state of the INT/O16 pin.
If blinking is enabled, then both interrupt output con-
trols O0 and O1 set the logic state of the INT/O16 pin
according to the blink phase. PWM intensity control for
O16 is set by the 4 global intensity bits in the master
and O16 intensity register (Table 13).
Blink Mode
In blink mode, the output ports can be flipped between
using either the blink phase 0 registers or the blink
phase 1 registers. Flip control is by software control
(the blink flip flag B in the configuration register) (Table
4). If hardware flip control is needed, consider the
MAX7314, which includes a BLINK input, as well as
software control.
The blink function can be used for LED effects by pro-
gramming different display patterns in the two sets of
output port registers, and using the software or hard-
ware controls to flip between the patterns.
If the blink phase 1 registers are written with 0xFF, then
the BLINK input can be used as a hardware disable to,
for example, instantly turn off an LED pattern pro-
grammed into the blink phase 0 registers. This tech-
nique can be further extended by driving the BLINK
input with a PWM signal to modulate the LED current to
provide fading effects.
The blink mode is enabled by setting the blink enable
flag E in the configuration register (Table 4). When blink
mode is enabled, the state of the blink flip flag sets the
phase, and the output ports are set by either the blink
phase 0 registers or the blink phase 1 registers (Table 7).
The blink mode is disabled by clearing the blink enable
flag E in the configuration register (Table 4). When blink
mode is disabled, the state of the blink flip flag is
ignored, and the blink phase 0 registers alone control
the output ports.
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
16
______________________________________________________________________________________
Table 5. Ports Configuration Registers
REGISTER DATA
REGISTER
R/
W
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Ports configuration P7–P0
(1 = input, 0 = output)
0
Read back ports configuration P7–P0
1
0x06
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Ports configuration P15–P8
(1 = input, 0 = output)
0
Read back ports configuration P15–P8
1
0x07
OP15
OP14
OP13
OP12
OP11
OP10
OP9
OP8
Table 6. Input Ports Registers
REGISTER DATA
REGISTER
R/
W
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Read input ports P7–P0
1
0x00
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
Read input ports P15–P8
1
0x01
IP15
IP14
IP13
IP12
IP11
IP10
IP9
IP8
Table 7. Blink Controls
BLINK
ENABLE
FLAG E
BLINK
FLIP
FLAG B
BLINK
FUNCTION
OUTPUT
REGISTERS
USED
0
X
Disabled
Blink phase 0
registers
0
Blink phase 0
registers
1
1
Enabled
Blink phase 1
registers
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com