Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 2Page - Maxim Integrated Products MAX7313 Datasheet HTML 3Page - Maxim Integrated Products MAX7313 Datasheet HTML 4Page - Maxim Integrated Products MAX7313 Datasheet HTML 5Page - Maxim Integrated Products MAX7313 Datasheet HTML 6Page - Maxim Integrated Products MAX7313 Datasheet HTML 7Page - Maxim Integrated Products MAX7313 Datasheet HTML 8Page - Maxim Integrated Products MAX7313 Datasheet HTML 9Page - Maxim Integrated Products MAX7313 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Functional Overview
The MAX7313 is a general-purpose input/output (GPIO)
peripheral that provides 16 I/O ports, P0–P15, con-
trolled through an I2C-compatible serial interface. A
17th output-only port, INT/O16, can be configured as
an interrupt output or as a general-purpose output port.
All output ports sink loads up to 50mA connected to
external supplies up to 5.5V, independent of the
MAX7313’s supply voltage. The MAX7313 is rated for a
ground current of 350mA, allowing all 17 outputs to sink
20mA at the same time. Figure 1 shows the output
structure of the MAX7313. The ports default to inputs on
power-up.
Port Inputs and Transition Detection
Input ports registers reflect the incoming logic levels of
the port pins, regardless of whether the pin is defined
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
6
_______________________________________________________________________________________
Pin Description
Figure 1. Simplified Schematic of I/O Ports
D
CK
Q
Q
FF
DATA FROM
SHIFT REGISTER
DATA FROM
SHIFT REGISTER
WRITE
CONFIGURATION
PULSE
WRITE PULSE
READ PULSE
CONFIGURATION
REGISTER
D
CK
Q
Q
FF
INPUT PORT
REGISTER
D
CK
Q
Q
FF
OUTPUT
PORT
REGISTER
OUTPUT PORT
REGISTER DATA
I/O PIN
Q2
GND
INPUT PORT
REGISTER DATA
TO INT
PIN
QSOP
QFN
NAME
FUNCTION
122
INT/O16
Output Port. Open-drain output rated at 7V, 50mA. Configurable as interrupt
output or general-purpose output.
21, 2, 3
18, 23, 24
AD0, AD1,
AD2
Address Inputs. Sets device slave address. Connect to either GND, V+,
SCL, or SDA to give 64 logic combinations. See Table 1.
4–11, 13–20
1–8, 10–17
P0–P15
Input/Output Ports. P0–P15 are open-drain I/Os rated at 5.5V, 50mA.
12
9
GND
Ground. Do not sink more than 350mA into the GND pin.
22
19
SCL
I2C-Compatible Serial Clock Input
23
20
SDA
I2C-Compatible Serial Data I/O
24
21
V+
Positive Supply Voltage. Bypass V+ to GND with a 0.047µF ceramic
capacitor.
—
PAD
Exposed pad
Exposed pad on package underside. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com