Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products MAX7313 Datasheet HTML 21Page - Maxim Integrated Products MAX7313 Datasheet HTML 22Page - Maxim Integrated Products MAX7313 Datasheet HTML 23Page - Maxim Integrated Products MAX7313 Datasheet HTML 24Page - Maxim Integrated Products MAX7313 Datasheet HTML 25Page - Maxim Integrated Products MAX7313 Datasheet HTML 26Page - Maxim Integrated Products MAX7313 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________
23
Table 14. Output Intensity Registers (continued)
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
OUTPUTS P9, P8 INTENSITY
R/
W
OUTPUT P9 INTENSITY
OUTPUT P8 INTENSITY
Write output P9, P8 intensity
0
Read back output P9, P8 intensity
1
0x14
P9I3
P9I2
P911
P9I0
P8I3
P812
P811
P810
MSB
LSB
MSB
LSB
OUTPUTS P11, P10 INTENSITY
OUTPUT P11 INTENSITY
OUTPUT P10 INTENSITY
Write output P11, P10 intensity
0
Read back output P11, P10 intensity
1
0x15
P11I3
P11I2
P11I1
P11I0
P10I3
P10I2
P10I1
P10I0
MSB
LSB
MSB
LSB
OUTPUTS 13, P12 INTENSITY
OUTPUT P13 INTENSITY
OUTPUT P12 INTENSITY
Write output P13, P12 intensity
0
Read back output P13, P12 intensity
1
0x16
P13I3
P13I2
P13I1
P13I0
P12I3
P12I2
P12I1
P12I0
MSB
LSB
MSB
LSB
OUTPUTS P15, P14 INTENSITY
OUTPUT P15 INTENSITY
OUTPUT P14 INTENSITY
Write output P15, P14intensity
0
Read back output P15, P14 intensity
1
0x17
P15I3
P15I2
P15I1
P15I0
P14I3
P14I2
P14I1
P14I0
OUTPUT O16 INTENSITY
See master, O16 intensity register (Table 13).
Table 15. MAX7311, PCA9535, and PCA9555 Register Compatibility
MAX7311,
PCA9535,
PCA9555
REGISTER
ADDRESS
MAX7313 IMPLEMENTATION
MAX7311, PCA9535,
PCA9555
IMPLEMENTATION
COMMENTS
Inputs P15–P0
0x00, 0x01
Inputs registers
Implemented
Same functionality
Outputs P15–P0
0x02, 0x03
Blink phase 0 registers
Implemented
Same functionality
Polarity inversion
0x04, 0x05
Not implemented; register writes are
ignored; register reads return 0x00
Implemented;
power-up default is
0x00
If polarity inversion feature
is unused, MAX7313
defaults to correct state
Configuration
0x06, 0x07
Ports configuration registers
Not implemented
Same functionality
No registers
0x0B, 0x0C
Blink phase 1 registers
Not implemented
No register
0x0E
Master, O16 intensity register
Not implemented
No register
0x0F
Configuration register
Not implemented
No registers
0x10–0x17
Outputs intensity registers
Not implemented
Power-up default disables
the blink and intensity
(PWM) features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com