Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products MAX7313 Datasheet HTML 21Page - Maxim Integrated Products MAX7313 Datasheet HTML 22Page - Maxim Integrated Products MAX7313 Datasheet HTML 23Page - Maxim Integrated Products MAX7313 Datasheet HTML 24Page - Maxim Integrated Products MAX7313 Datasheet HTML 25Page - Maxim Integrated Products MAX7313 Datasheet HTML 26Page - Maxim Integrated Products MAX7313 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
V+
SDA
SCL
AD0
P0
AD2
AD1
TOP VIEW
P15
P14
P13
P12
P4
P3
P2
P1
16
15
14
13
9
10
11
12
P11
P10
P9
P8
GND
P7
P6
P5
QSOP
MAX7313AEG
INT/O16
Pin Configurations (continued)
MAX7313
P8
P10
P0
P1
P2
P3
P4
P5
P6
P7
V+
3.3V
µC
SDA
SCL
SDA
I/O
AD0
5V 3.3V
P11
P12
P13
P14
P15
SCL
P9
OUTPUT 11
OUTPUT 10
GND
5V
INPUT 1
INPUT 2
INPUT 3
INPUT 4
INPUT 5
AD2
AD1
0.047
µF
INT/O16
Typical Application Circuit
Chip Information
TRANSISTOR COUNT: 25,991
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com