Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7313 Datasheet HTML 1Page - Maxim Integrated Products MAX7313 Datasheet HTML 2Page - Maxim Integrated Products MAX7313 Datasheet HTML 3Page - Maxim Integrated Products MAX7313 Datasheet HTML 4Page - Maxim Integrated Products MAX7313 Datasheet HTML 5Page - Maxim Integrated Products MAX7313 Datasheet HTML 6Page - Maxim Integrated Products MAX7313 Datasheet HTML 7Page - Maxim Integrated Products MAX7313 Datasheet HTML 8Page - Maxim Integrated Products MAX7313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX7313 I2C™-compatible serial interfaced
peripheral provides microprocessors with 16 I/O ports.
Each I/O port can be individually configured as either
an open-drain current-sinking output rated at 50mA and
5.5V, or a logic input with transition detection. A 17th
port can be used for transition detection interrupt, or as
a general-purpose output. The outputs are capable of
driving LEDs, or providing logic outputs with external
resistive pullup up to 5.5V.
PWM current drive is integrated with 8 bits of control.
Four bits are global control and apply to all LED outputs
to provide coarse adjustment of current from fully off to
fully on with 14 intensity steps. Each output then has
individual 4-bit control, which further divides the global-
ly set current into 16 more steps. Alternatively, the cur-
rent control can be configured as a single 8-bit control
that sets all outputs at once.
The MAX7313 is pin and software compatible with the
MAX7311, PCA9535, and PCA9555.
Each output has independent blink timing with two blink
phases. All LEDs can be individually set to be on or off
during either blink phase, or to ignore the blink control.
The blink period is controlled by a register.
The MAX7313 supports hot insertion. All port pins, the
INT output, SDA, SCL, and the slave-address inputs
ADO-2 remain high impedance in power-down (V+ =0V)
with up to 6V asserted upon them.
The MAX7313 is controlled through the 2-wire
I2C/SMBus serial interface, and can be configured to
any one of 64 I2C addresses.
Applications
LCD Backlights
LED Status Indication
Portable Equipment
Keypad Backlights
RGB LED Drivers
Notebook Computers
Features
♦ 400kbs, 2-Wire Serial Interface, 5.5V Tolerant
♦ 2V to 3.6V Operation
♦ Overall 8-Bit PWM LED Intensity Control
Global 16-Step Intensity Control
Individual 16-Step Intensity Controls
♦ Two-Phase LED Blinking
♦ High Output Current (50mA max Per Port)
♦ Outputs are 5.5V-Rated Open Drain
♦ Supports Hot Insertion
♦ Inputs are Overvoltage Protected to 5.5V
♦ Transition Detection with Interrupt Output
♦ 1.2µA (typ), 3.6µA (max) Standby Current
♦ Small 4mm x 4mm Thin QFN Package
♦ -40°C to +125°C Temperature Range
♦ All Ports Can Be Configured as Inputs or Outputs
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
THIN QFN
MAX7313ATG
19
20
21
22
12
3
4
5
6
18
17
16
15
14
13
23
24
12
11
10
9
8
7
SCL
V+
SDA
INT/O16
AD2
AD1
P10
P8
P9
GND
P6
P7
Pin Configurations
19-3059; Rev 4; 4/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX7313ATG
-40
°C to +125°C
24 Thin QFN
4mm x 4mm
x 0.8mm
T2444-4
MAX7313AEG
-40
°C to +125°C 24 QSOP
—
Pin Configurations continued at end of data sheet.
Typical Application Circuit appears at end of data sheet.
Purchase of I2C components of Maxim Integrated Products, Inc.,
or one of its sublicensed Associated Companies, conveys a
license under the Philips I2C Patent Rights to use these compo-
nents in an I2C system, provided that the system conforms to the
I2C Standard Specification as defined by Philips.


Similar Part No. - MAX7313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7313 MAXIM-MAX7313 Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7313AEG MAXIM-MAX7313AEG Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7313ATG MAXIM-MAX7313ATG Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
More results

Similar Description - MAX7313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7314 MAXIM-MAX7314 Datasheet
402Kb / 25P
18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7311 MAXIM-MAX7311 Datasheet
376Kb / 16P
2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 4; 4/05
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7318 MAXIM-MAX7318 Datasheet
312Kb / 16P
2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 2; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com