Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 18Page - Maxim Integrated Products MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products MAX7313 Datasheet HTML 21Page - Maxim Integrated Products MAX7313 Datasheet HTML 22Page - Maxim Integrated Products MAX7313 Datasheet HTML 23Page - Maxim Integrated Products MAX7313 Datasheet HTML 24Page - Maxim Integrated Products MAX7313 Datasheet HTML 25Page - Maxim Integrated Products MAX7313 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
22
______________________________________________________________________________________
Table 14. Output Intensity Registers
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
OUTPUTS P1, P0 INTENSITY
R/
W
OUTPUT P1 INTENSITY
OUTPUT P0 INTENSITY
Write output P1, P0 intensity
0
Read back output P1, P0 intensity
1
P1I3
P1I2
P1I1
P1I0
P0I3
P0I2
P0I1
P0I0
Output P1 intensity duty cycle is 1/16
—
0000
—
—
—
—
Output P1 intensity duty cycle is 2/16
—
0001
—
—
—
—
Output P1 intensity duty cycle is 3/16
—
0010
—
—
—
—
—
—
————
—
———
Output P1 intensity duty cycle is 14/16
—
1101
—
—
—
—
Output P1 intensity duty cycle is 15/16
—
1110
—
—
—
—
Output P1 intensity duty cycle is 16/16
(static logic level, no PWM)
—
1111
—
—
—
—
Output P0 intensity duty cycle is 1/16
—
————
0
0
0
0
Output P0 intensity duty cycle is 2/16
—
————
0
0
0
1
Output P0 intensity duty cycle is 3/16
—
————
0
0
1
0
—
—
————
—
———
Output P0 intensity duty cycle is 14/16
—
————
1
1
0
1
Output P0 intensity duty cycle is 15/16
—
————
1
1
1
0
Output P0 intensity duty cycle is 16/16
(static logic level, no PWM)
—
0X10
————
1
1
1
1
MSB
LSB
MSB
LSB
OUTPUTS P3, P2 INTENSITY
OUTPUT P3 INTENSITY
OUTPUT P2 INTENSITY
Write output P3, P2 intensity
0
Read back output P3, P2 intensity
1
0x11
P3I3
P3I2
P3I1
P3I0
P2I3
P2I2
P2I1
P2I0
MSB
LSB
MSB
LSB
OUTPUTS P5, P4 INTENSITY
OUTPUT P5 INTENSITY
OUTPUT P4 INTENSITY
Write output P5, P4 intensity
0
Read back output P5, P4 intensity
1
0x12
P5I3
P5I2
P5I1
P5I0
P4I3
P4I2
P4I1
P4I0
MSB
LSB
MSB
LSB
OUTPUTS P7, P6 INTENSITY
OUTPUT P7 INTENSITY
OUTPUT P6 INTENSITY
Write output P7, P6 intensity
0
Read back output P7, P6 intensity
1
0x13
P7I3
P7I2
P7I1
P7I0
P6I3
P6I2
P6I1
P6I0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com