Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 17Page - Maxim Integrated Products MAX7313 Datasheet HTML 18Page - Maxim Integrated Products MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products MAX7313 Datasheet HTML 21Page - Maxim Integrated Products MAX7313 Datasheet HTML 22Page - Maxim Integrated Products MAX7313 Datasheet HTML 23Page - Maxim Integrated Products MAX7313 Datasheet HTML 24Page - Maxim Integrated Products MAX7313 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Applications Information
Hot Insertion
I/O ports P0–P15, interrupt output INT/016, and serial
interface SDA, SCL, AD0–2 remain high impedance
with up to 6V asserted on them when the MAX7313 is
powered down (V+ = 0V). The MAX7313 can therefore
be used in hot-swap applications.
Output Level Translation
The open-drain output architecture allows the ports to
level translate the outputs to higher or lower voltages
than the MAX7313 supply. An external pullup resistor
can be used on any output to convert the high-imped-
ance logic-high condition to a positive voltage level.
The resistor can be connected to any voltage up to
5.5V. For interfacing CMOS inputs, a pullup resistor
value of 220k
Ω is a good starting point. Use a lower
resistance to improve noise immunity, in applications
where power consumption is less critical, or where a
faster rise time is needed for a given capacitive load.
Compatibility with MAX7311
The MAX7313 is pin compatible and software compatible
with the standard register structure used by MAX7311,
PCA9535, and PCA9555. However, some MAX7311 func-
tions are not implemented in the MAX7313, and the
MAX7313’s PWM and blink functionality is not supported
in the MAX7311. Software compatibility is clearly not
100%, but the MAX7313 was designed so the subset
(omitted) features default to the same power-up behavior
as the MAX7311, PCA9535, and PCA9555, and superset
features do not use existing registers in a different way. In
practice, many applications can use the MAX7313 as a
drop-in replacement for the MAX7311.
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________________________
21
Table 13. Master, O16 Intensity Register
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
MASTER AND GLOBAL INTENSITY
R/
W
MASTER INTENSITY
O16 INTENSITY
Write master and global intensity
0
Read back master and global intensity
1
M3
M2
M1
M0
G3
G2
G1
G0
Master intensity duty cycle is 0/15 (off);
internal oscillator is disabled;
all outputs will be static with no PWM
0000
Master intensity duty cycle is 1/15
0001
Master intensity duty cycle is 2/15
0010
Master intensity duty cycle is 3/15
0011
————
———
Master intensity duty cycle is 13/15
1101
Master intensity duty cycle is 14/15
1110
Master intensity duty cycle is 15/15 (full)
1111
O16 intensity duty cycle is 1/16
0
0
0
0
O16 intensity duty cycle is 2/16
0
0
0
1
O16 intensity duty cycle is 3/16
0
0
1
0
————
———
O16 intensity duty cycle is 14/16
1
1
0
1
O16 intensity duty cycle is 15/16
1
1
1
0
O16 intensity duty cycle is 16/16
(static output, no PWM)
0X0E
———
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com