Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 115Page - STMicroelectronics ST92195D Datasheet HTML 116Page - STMicroelectronics ST92195D Datasheet HTML 117Page - STMicroelectronics ST92195D Datasheet HTML 118Page - STMicroelectronics ST92195D Datasheet HTML 119Page - STMicroelectronics ST92195D Datasheet HTML 120Page - STMicroelectronics ST92195D Datasheet HTML 121Page - STMicroelectronics ST92195D Datasheet HTML 122Page - STMicroelectronics ST92195D Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 249 page
background image
119/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.6.5 Building a Serial Mode, 80 Char, Full
Page Display
Half-Page Location
The pair of adjacent 1 Kbyte blocks of page con-
tent is stored in the TDSRAM location pointed to
by the PG3..PG0 bits. The first block contains the
left side of the page, the second block contains the
right side of the page.
Header & Status Rows Location
The 0.5 Kbyte block containing the Header, Status
Row 0 and Status Row 1 is pointed to by the
HS3..HS0 bits.
Row Scrolling Buffer Location
The scrolling buffer corresponds to the 40 bytes
following the Row 23 when the scrolling feature is
used.
Figure 75. Serial Mode (80 Characters) - Page Mapping
See Figure 70 on page 115 for Ad-
1K TDSRAM
Row 1 Left
Row 23
Resolution 2K bytes
1K TDSRAM
Row 1 Right
See Figure 71 on page 116 for Ad-
Row 23
0.5K TDSRAM
Header
Resolution 0.5K bytes
Status Row 0
Status Row 1
Free Space
Free Space
Free Space
Scrolling Buffer
Scrolling Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com