Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 118Page - STMicroelectronics ST92195D Datasheet HTML 119Page - STMicroelectronics ST92195D Datasheet HTML 120Page - STMicroelectronics ST92195D Datasheet HTML 121Page - STMicroelectronics ST92195D Datasheet HTML 122Page - STMicroelectronics ST92195D Datasheet HTML 123Page - STMicroelectronics ST92195D Datasheet HTML 124Page - STMicroelectronics ST92195D Datasheet HTML 125Page - STMicroelectronics ST92195D Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 249 page
background image
122/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Table 25. National Character Subset Mapping
(Ordered by their G0 address)
Figure 78. Font Mapping
1st
2nd
3rd
4th
5th
6th
7th
23h
24h
40h
5Bh
5Ch
5Dh
5Eh
8th
9th
10th
11th
12th
13th
5Fh
60h
7Bh
7Ch
7Dh
7Eh
PARALLEL MODE
(PS=x, CSS=0)
SERIAL
ATTRIBUTES
(32 CODES)
G2 BASED
+ MENU
(128 CODES)
G0 + OPTIONAL NATIONAL SET
80
FF
Addresses
Char. Codes
(96 CODES)
01F
7F
01F
7F 80
FF
SERIAL
ATTRIBUTES
(32 CODES)
G2 BASED
+ MENU
(128 CODES)
G0 + OPTIONAL NATIONAL SET
80
FF
SERIAL MODE
Addresses
Char. Codes
(96 CODES)
G1* (32)
G1* (32)
*If Serial Attributes 19, 1A are used
01F
3F
5F
7F
01F
7F 80
FF
SERIAL
ATTRIBUTES
(32 CODES)
EXTENDED
MENU CHARACTERS
(96 CODES)
80
FF
Addresses
Char. Codes
G1 (32)
G1 (32)
01F
3F
5F
7F
100
11F
17F
19F
1FF
PARALLEL MODE
(PS=1, CSS=1)
G0 (32)
RESERVED
(32)
180
9F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com