Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 124Page - STMicroelectronics ST92195D Datasheet HTML 125Page - STMicroelectronics ST92195D Datasheet HTML 126Page - STMicroelectronics ST92195D Datasheet HTML 127Page - STMicroelectronics ST92195D Datasheet HTML 128Page - STMicroelectronics ST92195D Datasheet HTML 129Page - STMicroelectronics ST92195D Datasheet HTML 130Page - STMicroelectronics ST92195D Datasheet HTML 131Page - STMicroelectronics ST92195D Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 249 page
background image
128/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
NATIONAL CHARACTER SET REGISTER
(NCSR)
R245 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
The register bit values are sampled and then acti-
vated only at each field start (on Vsync pulse).
Bit 7 = TSLE:
Translucency/Half-Tone Output En-
able bit.
0: Translucency/Half-Tone signal disabled
1: Translucency/Half-Tone is enabled. Translu-
cency or Half-Tone realtime control signal is
routed in the TSLU/HT pin (depending on the
HTC bit in the FSCCR register).
Note: Translucent display depends also on the
BE, TIO and MM bits, see Table 28 Box Mode/
Translucency Configurations.
Bit 6 = FRSW:
Font ROM Switch bit.
This bit allows to switch from the first Font ROM
set to the second one.
0: When the FRSW bit is reset, the first set of 512
ROM characters (FROM 0) is selected.
1: When the FRSW bit is set, the second set of 512
ROM characters (FROM1) is selected.
Bit 5 = SWE:
G0 Switch Enable Control Bit.
In case of a multiple G0 alphabet configuration
(NCM=1), this bit allows to switch from a first to a
second predefined G0 alphabet, using a single se-
rial attribute (1Bh). In case of a single G0 alphabet
configuration (NCM=0), the SWE bit will have no
effect.
If SWE is reset, the used G0 alphabet is pointed
through NC[1:0].
If SWE is set, the used G0 alphabet is pointed
through NC[3:2] and NC[1:0] toggled by 1Bh serial
attribute.
Bit 4 = NCM:
National Character Mode control bit.
This bit reconfigures a part of the font set as defin-
ing:
– either a single G0 alphabet with up to 15 national
sub-sets,
– or 3 different G0 alphabets.
If NCM is reset, a single G0 alphabet configuration
is activated and the 15 national sub-sets are se-
lected through the NC[3:0] bits.
If NCM is set, a triple G0 alphabet configuration is
activated, the selection of the G0 set used for the
display is done through either NC[3:2] or NC[1:0]
bits, depending upon the SWE control bit and the
serial attribute 1Bh values.
Bits 3:0 = NC[3:0]:
National Character Set Selec-
tion.
If the NCM bit is reset, these bits define which na-
tional sub-set has to be used to complete the basic
currently used G0 alphabet set.
If the NCM is set, these bits define which G0 is
used.
Figure 81. National Characters Selection
70
TSLE
FRSW
SWE
NCM
NC3
NC2
NC1
NC0
NCM
SWE
NC[3:0]
G0-0
G0-1
G0-2
G0-0
G0-1
G0-2
G0-0
G0-1
G0-2
SERIAL ATTR. 1Bh
NC[1:0]
NC[3:2]
NC[1:0]
TOGGLE
NS0
NS1
NS14
15 NATIONAL
CHAR. SETS
3 G0 SETS
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com