Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 126Page - STMicroelectronics ST92195D Datasheet HTML 127Page - STMicroelectronics ST92195D Datasheet HTML 128Page - STMicroelectronics ST92195D Datasheet HTML 129Page - STMicroelectronics ST92195D Datasheet HTML 130Page - STMicroelectronics ST92195D Datasheet HTML 131Page - STMicroelectronics ST92195D Datasheet HTML 132Page - STMicroelectronics ST92195D Datasheet HTML 133Page - STMicroelectronics ST92195D Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 249 page
background image
130/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
SCROLLING
CONTROL
LOW
REGISTER
(SCLR)
R248 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bit 7 = SCE:
Scrolling Enable
Before enabling scrolling, the scrolling area must
be defined by the FRS[4:0] and LRS[4:0] bits. The
scrolling direction is defined by the UP/D bit.
0: Disable scrolling
1: Enable scrolling
Bit 6 = FSC:
Freeze scrolling
Note: The 2 control bits SCE and FSC must be set
to "1" before enabling the Global double height
(see the DH bit in the SCHR register).
Bit 5 = SS:
Scrolling Speed Control bit.
0: The display is shifted by 2 TV lines at each TV
frame (i.e. after 2 Vertical sync pulses).
1: The display is shifted by 4 TV lines at each TV
frame.
Bits 4:0 = FRS[4:0]: These bits define the upper-
most Row value to be scrolled (rows are num-
bered from 1 to 23). In case of global double height
mode programming, FRS[4:0] must mandatorily
be equal to 00000.
Table 29. Scrolling Control Bits
70
SCE
FSC
SS
FRS4
FRS3
FRS2
FRS1
FRS0
DH
SCE
FSC
UP/D
FRS[4:0] LRS[4:0]
Meaning
0
0
x
x
x
x
No Global Double Height, No Scrolling
01
x
1
x
x
No Global Double Height, Scroll up
0
x
x
No Global Double Height, Scroll down
10
x
1
0
x
Global Double Height, No Scrolling, Display top half
0
0
x
Global Double Height, No Scrolling, Display bottom half



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com