Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 130Page - STMicroelectronics ST92195D Datasheet HTML 131Page - STMicroelectronics ST92195D Datasheet HTML 132Page - STMicroelectronics ST92195D Datasheet HTML 133Page - STMicroelectronics ST92195D Datasheet HTML 134Page - STMicroelectronics ST92195D Datasheet HTML 135Page - STMicroelectronics ST92195D Datasheet HTML 136Page - STMicroelectronics ST92195D Datasheet HTML 137Page - STMicroelectronics ST92195D Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 249 page
background image
134/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
DISPLAY
CONTROL
MODE
1
REGISTER
(DCM1R)
R251 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bits 7:4 = Reserved bits, keep in reset state.
Bit 3 = EXTF:
External Font.
Only when the emulator is used, this bit selects the
font memory containing a user-defined OSD font.
In normal user application, this bit has no effect.
0: Internal font memory of the emulator chip.
1: External font RAM of the emulator board.
Bit 2 = FBL:
Fast Blanking Active Level control bit.
The FBL bit must be reset if the on-screen display
is done while the FB output is low. The FBL bit
must be set if the on-screen display is done while
the FB output is high. This bit also controls the
TSLU AF output polarity with the same rule as for
FB.
Bit 1 = PM:
Line Mode control bit.
If PM is reset, the display is working in Full page
mode, i.e. the screen is composed of one header,
23 text rows plus 2 status rows. If PM is set, the
display works in Line mode.
Line mode allows up to 12 rows to be displayed
anywhere on the screen. The row attribute (see
TDSRAM mapping) contains the row numbers on
the screen. The byte position of the row attribute
conrresponds to the row in the TDSRAM. For ex-
ample, if the 3rd byte of the row attribute contains
6, the 3rd row in TDSRAM will be displayed as the
6th row on the screen.
Bit 0 = SPM:
Serial/Parallel Mode control bit.
If the SPM bit is reset, the display is done in Serial
mode, i.e. a character or attribute is coded with a
single byte. If the SPM bit is set, the display is
done in Parallel mode, i.e. a character or an at-
tribute is coded on two bytes.
TDSRAM POINTER REGISTER (TDPR)
R252 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bits 7:4 = HS[3:0]: Location of the current Header
and Status Rows in the TDSRAM.
Bits 3:0 = PG[3:0]: Location of the current Page
content (rows 1 to 23) in the TDSRAM. For more
details, refer to Section , ON SCREEN DISPLAY
(Cont’d).
The HS[3:0] and PG[3:0] bits described by the
R246 and R247 registers in page 32. Display loca-
tions, Head/Stat location, Page location, are phys-
ically the same: these sets of address bits can be
modified through two different programming ac-
cesses.
70
0000
EXTF
FBL
PM
SPM
70
HS3
HS2
HS1
HS0
PG3
PG2
PG1
PG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com