Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 158Page - STMicroelectronics ST92195D Datasheet HTML 159Page - STMicroelectronics ST92195D Datasheet HTML 160Page - STMicroelectronics ST92195D Datasheet HTML 161Page - STMicroelectronics ST92195D Datasheet HTML 162Page - STMicroelectronics ST92195D Datasheet HTML 163Page - STMicroelectronics ST92195D Datasheet HTML 164Page - STMicroelectronics ST92195D Datasheet HTML 165Page - STMicroelectronics ST92195D Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 249 page
background image
162/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
Hamming 8/4 correction:
HDE[7:0]: on writing, these 8 bits are the data to
be Hamming 8/4 checked, where P are Hamming
bits D are Data bits.
HDE[23:8]: don't care.
ACQHD2R
ACQHD1R
ACQHD0R
On reading, the bits are redefined as follows:
ACQHD2R
ACQHD1R
ACQHD0R
Bits 23:5 = Don't care
Bit 4 = ERR:
Hamming Error.
This bit is set by hardware and cleared by soft-
ware.
0: The 24-bit word is correctly Hamming decoded
(no error or a recoverable error).
1: The result of the Hamming decoding is wrong
(unrecoverable error).
Note: The D[4:1] bits are cleared by hardware
when ERR=1.
Bits 3:0 = D4-D1: Data
70
X
XXX
XX
XX
70
X
XXX
XX
XX
70
D4
P
D3
P
D2
P
D1
P
23
16
0
000
00
00
15
8
0
000
00
00
70
0
0
0
ERR
D4
D3
D2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com